Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6012ANX Datasheet(PDF) 3 Page - Rohm

Part # R6012ANX
Description  Nch 600V 12A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6012ANX Datasheet(HTML) 3 Page - Rohm

  R6012ANX_12 Datasheet HTML 1Page - Rohm R6012ANX_12 Datasheet HTML 2Page - Rohm R6012ANX_12 Datasheet HTML 3Page - Rohm R6012ANX_12 Datasheet HTML 4Page - Rohm R6012ANX_12 Datasheet HTML 5Page - Rohm R6012ANX_12 Datasheet HTML 6Page - Rohm R6012ANX_12 Datasheet HTML 7Page - Rohm R6012ANX_12 Datasheet HTML 8Page - Rohm R6012ANX_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6012ANX
3/13
2012.01 - Rev.B
*1 Limited only by maximum temperature allowed.
*2 PW
≤ 10µs, Duty cycle ≤ 1%
*3 L ⋍ 500
µH, V
DD = 50V, RG = 25Ω, starting Tj = 25
°
C
*4 L ⋍ 500
µH, V
DD = 50V, RG = 25Ω, starting Tj = 25
°
C, f = 10kHz
*5 Reference measurement circuits Fig.5-1.
*6 Pulsed
6.0
-
V
Gate plateau voltage
V(plateau)
VDD ⋍ 300V, ID = 12A
-
-
Gate - Drain charge
Qgd
*6
Total gate charge
Gate - Source charge
Qgs
*6
ID = 12A
Qg
*6
VDD ⋍ 300V
VGS = 10V
Unit
-
7
-
Min.
nC
35
-
Conditions
15
-
-
Max.
Parameter
Gate Charge characteristics (T
a = 25°C)
Rise time
tr
*6
ID = 6A
Symbol
Values
30
Typ.
Turn - off delay time
td(off)
*6
Fall time
tf
*6
ns
90
180
35
70
-
30
-
RG = 10Ω
-
RL = 50Ω
-
-
Turn - on delay time
td(on)
*6
VDD ⋍ 300V, VGS = 10V
-
Effective output capacitance,
energy related
Effective output capacitance,
time related
Co(er)
Co(tr)
VGS = 0V
VDS = 0V to 480V
1300
-
gfs
*6
VDS = 10V, ID = 6.0A
pF
-
pF
-
63
-
-
63
-
Crss
f = 1MHz
-
45
-
890
Max.
Reverse transfer capacitance
Electrical characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
8.5
Transconductance
Input capacitance
3.5
Output capacitance
Coss
VDS = 25V
-
-
S
Ciss
VGS = 0V
-


Similar Part No. - R6012ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6012ANX ROHM-R6012ANX Datasheet
307Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6012ANX_12

ManufacturerPart #DatasheetDescription
logo
Rohm
R6012JNJ ROHM-R6012JNJ Datasheet
2Mb / 15P
   Nch 600V 12A Power MOSFET
R6012JNX ROHM-R6012JNX Datasheet
2Mb / 15P
   Nch 600V 12A Power MOSFET
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
   Nch 250V 12A Power MOSFET
RCJ120N20 ROHM-RCJ120N20 Datasheet
723Kb / 14P
   Nch 200V 12A Power MOSFET
RQ3L050GN ROHM-RQ3L050GN Datasheet
2Mb / 12P
   Nch 60V 12A Middle Power MOSFET
RQ3E120BN ROHM-RQ3E120BN Datasheet
2Mb / 12P
   Nch 30V 12A Middle Power MOSFET
R6008ANX ROHM-R6008ANX_12 Datasheet
1,009Kb / 14P
   Nch 600V 8A Power MOSFET
R6025FNZ1 ROHM-R6025FNZ1 Datasheet
1,003Kb / 14P
   Nch 600V 25A Power MOSFET
R6076MNZ1 ROHM-R6076MNZ1 Datasheet
2Mb / 14P
   Nch 600V 76A Power MOSFET
R6010MND3 ROHM-R6010MND3 Datasheet
2Mb / 14P
   Nch 600V 10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com