Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6008ANX Datasheet(PDF) 10 Page - Rohm

Part # R6008ANX
Description  Nch 600V 8A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6008ANX Datasheet(HTML) 10 Page - Rohm

Back Button R6008ANX Datasheet HTML 6Page - Rohm R6008ANX Datasheet HTML 7Page - Rohm R6008ANX Datasheet HTML 8Page - Rohm R6008ANX Datasheet HTML 9Page - Rohm R6008ANX Datasheet HTML 10Page - Rohm R6008ANX Datasheet HTML 11Page - Rohm R6008ANX Datasheet HTML 12Page - Rohm R6008ANX Datasheet HTML 13Page - Rohm R6008ANX Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
R6008ANX
10/13
2012.01 - Rev.C
Electrical characteristic curves
0
1
2
3
4
5
6
0
200
400
600
T
a = 25ºC
1
10
100
1000
10000
0.1
1
10
100
1000
C
iss
C
oss
C
rss
T
a = 25ºC
f = 1MHz
V
GS = 0V
0
5
10
15
0
5
10
15
20
25
30
T
a = 25ºC
V
DD
⋍300V
I
D = 8A
R
G = 10Ω
Pulsed
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : V
DS [V]
Fig.19 Coss Stored Energy
Drain - Source Voltage : V
DS [V]
Fig.20 Switching Characteristics
Drain Current : I
D [A]
Fig.21 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
1
10
100
1000
10000
0.01
0.1
1
10
100
t
f
t
d(on)
t
d(off)
t
r
T
a = 25ºC
V
DD = 300V
V
GS = 10V
R
G = 10Ω
Pulsed


Similar Part No. - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008ANX ROHM-R6008ANX Datasheet
265Kb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - R6008ANX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6008MND3 ROHM-R6008MND3 Datasheet
2Mb / 14P
   Nch 600V 8A Power MOSFET
RD3L080SN ROHM-RD3L080SN Datasheet
2Mb / 16P
   Nch 60V 8A Power MOSFET
R8008ANJFRG ROHM-R8008ANJFRG Datasheet
1Mb / 14P
   Nch 800V 8A Power MOSFET
RD3U080CN ROHM-RD3U080CN Datasheet
2Mb / 15P
   Nch 250V 8A Power MOSFET
RD3L080SNFRA ROHM-RD3L080SNFRA Datasheet
2Mb / 15P
   Nch 60V 8A Power MOSFET
R8008ANJ ROHM-R8008ANJ Datasheet
951Kb / 14P
   Nch 800V 8A Power MOSFET
ZDX080N50 ROHM-ZDX080N50 Datasheet
626Kb / 12P
   Nch 500V 8A Power MOSFET
RD3U080AAFRA ROHM-RD3U080AAFRA Datasheet
1Mb / 14P
   Nch 250V 8A Power MOSFET
RF4E080GN ROHM-RF4E080GN Datasheet
2Mb / 11P
   Nch 30V 8A Middle Power MOSFET
RQ3E080BN ROHM-RQ3E080BN Datasheet
2Mb / 12P
   Nch 30V 8A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com