Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4136 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4136
Description  ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4136 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4136_10 Datasheet HTML 1Page - Silicon Laboratories SI4136_10 Datasheet HTML 2Page - Silicon Laboratories SI4136_10 Datasheet HTML 3Page - Silicon Laboratories SI4136_10 Datasheet HTML 4Page - Silicon Laboratories SI4136_10 Datasheet HTML 5Page - Silicon Laboratories SI4136_10 Datasheet HTML 6Page - Silicon Laboratories SI4136_10 Datasheet HTML 7Page - Silicon Laboratories SI4136_10 Datasheet HTML 8Page - Silicon Laboratories SI4136_10 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.41 1/10
Copyright © 2010 by Silicon Laboratories
Si4136/Si4126
Si4136/Si4126
ISM RF S YN THESIZE R WITH I NTEGRATED VCO S
F OR WIRELESS C OMMUNICATIONS
Features
Applications
Description
The Si4136 is a monolithic integrated circuit that performs both IF and RF
synthesis for wireless communications applications. The Si4136 includes
three VCOs, loop filters, reference and VCO dividers, and phase detectors.
Divider and powerdown settings are programmable through a three-wire
serial interface.
Functional Block Diagram
Dual-band RF synthesizers

RF1: 2300 MHz to 2500 MHz

RF2: 2025 MHz to 2300 MHz
IF synthesizer

62.5 MHz to 1000 MHz
Integrated VCOs, loop filters,
varactors, and resonators
Minimal external components
required
Low phase noise
5 µA standby current
25.7 mA typical supply current
2.7 V to 3.6 V operation
Packages: 24-pin TSSOP,
28-lead QFN

Lead-free/RoHS-compliant options
available
ISM and MMDS band
communications
Wireless LAN and WAN
Dual-band communications
IFOUT
IFLA
IFLB
RFOUT
XIN
PWDN
SDATA
SCLK
SEN
IF
RF2
RF1
AUXOUT
Phase
Detect
Phase
Detect
2
2
IFDIV
Phase
Detect
Test
Mux
22-bit
Data
Register
Serial
Interface
Power
Down
Control
Reference
Amplifier
R
RF1
R
RF2
R
IF
N
RF1
N
RF2
N
IF
÷1/÷2
Patents pending
Ordering Information:
See page 29.
Pin Assignments
Si4136-BT/GT
Si4136-BM/GM
SCLK
SDATA
GND
GND
NC
GND
NC
GND
GND
GND
RFOUT
VDDR
SEN
VDDI
IFOUT
GND
IFLB
IFLA
GND
VDDD
GND
XIN
PWDN
AUXOUT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
NC
NC
GND
GND
GND
IFLB
IFLA
VDDD
GND
XIN
21
20
19
18
17
16
15
8
9
10 11 12 13 14
28 27 26 25 24
23 22
1
2
3
4
5
6
7
GND
GND
GND
GND


Similar Part No. - SI4136_10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4136-BT SILABS-SI4136-BT Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI4136-F-BM SILABS-SI4136-F-BM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-BT SILABS-SI4136-F-BT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GM SILABS-SI4136-F-GM Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136-F-GT SILABS-SI4136-F-GT Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4136_10

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com