Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCD212 Datasheet(PDF) 51 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 51 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 47Page - Motorola, Inc MCD212 Datasheet HTML 48Page - Motorola, Inc MCD212 Datasheet HTML 49Page - Motorola, Inc MCD212 Datasheet HTML 50Page - Motorola, Inc MCD212 Datasheet HTML 51Page - Motorola, Inc MCD212 Datasheet HTML 52Page - Motorola, Inc MCD212 Datasheet HTML 53Page - Motorola, Inc MCD212 Datasheet HTML 54Page - Motorola, Inc MCD212 Datasheet HTML 55Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
MCD212
6–2
MOTOROLA
15 14 13 12 11
10 9
8
7
6
5
4 3
2
1
0
7
654
321 0
7
65432
1
0
1ST BYTE
2ND BYTE
MEMORY DATA BUS MD15 – MD0
PIXEL 1
PIXEL 2
Figure 6–1. Bitmap Serialization in 8 Bits/Pixel
15 14 13 12 11
10 9
8
7
6
5 4
3
2
1
0
1ST NIBBLE
MEMORY DATA BUS MD15 – MD0
2ND NIBBLE
3RD NIBBLE
4TH NIBBLE
BIT
BIT
BIT
BIT
BIT
BIT
BIT
BIT
3
2
1
0
32
1
0
32
1
0
32
1
0
PIXEL 1
PIXEL 2
PIXEL 3
PIXEL 4
Figure 6–2. Bitmap Serialization in 4 Bits/Pixel
6.2
RUN-LENGTH FILE
The run–length coding technique permits file compression by grouping into one block consecutive
pixels that have the same color. The VDSC uses either a 7– or a 3–bit color look up table (CLUT) to
provide either 1 out of 128 colors or 1 out of 8 different colors. The run–length compression is applied
to each video line independently of the others. The run–length file is organized as a list of information
about pixels without any notion of width or height as in bitmap files. (Refer to Section 7.2, CLUT De-
coder.)
6.2.1
Run-length 7-Bit CLUT Files
Run–length 7–bit CLUT files are either a single byte (for a single pixel) or two bytes (for a run of pixels
on a single line) in length. A 0 in the first bit indicates a single pixel CLUT address whereas a 1 in the
first bit indicates a run of pixels on the present line. The run only extends to the end of the line and
does not continue to the next line. The second byte indicates the number of identical pixels to be
reproduced on the current line. A 0 in the second byte indicates that this color is to be repeated to the
end of the line. A 1 is forbidden in the second byte. The eight bits allowed for 2 to 255 identical bits
to be repeated or with a 0, the rest of the line will have the same pixel repeated. Every line must finish
with a “zero–length” run (N = 0), which means that at a minimum, the last two pixels of the line are
identical. Figure 6–3 shows the format for both.
SINGLE
PIXEL
MULTIPLE
PIXELS
0
1
7–BIT CLUT ADDRESS
7–BIT CLUT ADDRESS
76
0
15
14
8 7
0
NOTE:
N = 0 means “duplicate this pixel to the end of the line”.
N = 1 is forbidden.
N = NUMBER OF IDENTICAL PIXELS (8 BITS)
Figure 6–3. Run–length Format in 7 Bits/Pixel


Similar Part No. - MCD212

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD200 IXYS-MCD200 Datasheet
94Kb / 3P
   Thyristor Modules
MCD200 IXYS-MCD200 Datasheet
83Kb / 3P
   Thyristor Modules
MCD200-14IO1 IXYS-MCD200-14IO1 Datasheet
83Kb / 3P
   Thyristor Modules
MCD200-16IO1 IXYS-MCD200-16IO1 Datasheet
83Kb / 3P
   Thyristor Modules
logo
New Jersey Semi-Conduct...
MCD200-16IO1 NJSEMI-MCD200-16IO1 Datasheet
265Kb / 4P
   Thyristor/ Diode Module
More results

Similar Description - MCD212

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
Motorola, Inc
MCF5249PB MOTOROLA-MCF5249PB Datasheet
287Kb / 16P
   system controller/decoder
logo
Toshiba Semiconductor
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
Altera Corporation
EPM240 ALTERA-EPM240 Datasheet
103Kb / 10P
   JTAG & In-System Programmability
logo
Toshiba Semiconductor
TC90106FG TOSHIBA-TC90106FG Datasheet
726Kb / 18P
   Multi System Video Decoder for Component input
logo
STMicroelectronics
TDA8217 STMICROELECTRONICS-TDA8217 Datasheet
88Kb / 9P
   PAL DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
   Video Decoder and Display Processor
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com