Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78M06ACT Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC78M06ACT
Description  THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78M06ACT Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC78M06ACT Datasheet HTML 3Page - Motorola, Inc MC78M06ACT Datasheet HTML 4Page - Motorola, Inc MC78M06ACT Datasheet HTML 5Page - Motorola, Inc MC78M06ACT Datasheet HTML 6Page - Motorola, Inc MC78M06ACT Datasheet HTML 7Page - Motorola, Inc MC78M06ACT Datasheet HTML 8Page - Motorola, Inc MC78M06ACT Datasheet HTML 9Page - Motorola, Inc MC78M06ACT Datasheet HTML 10Page - Motorola, Inc MC78M06ACT Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC78M00 MC78M00A Series
7
MOTOROLA ANALOG IC DEVICE DATA
DEFINITIONS
Line Regulation – The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation – The maximum total
device dissipation for which the regulator will operate within
specifications.
Input Bias Current – That part of the input current that is
not delivered to the load.
Output Noise Voltage – The rms AC voltage at the
output, with constant load and no input ripple, measured over
a specified frequency range.
Long Term Stability – Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices’ electrical characteristics and
maximum power dissipation.
Figure 1. DPAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
Figure 2. Worst Case Power Dissipation
versus Ambient Temperature (TO–220)
θJC = 5°C/W
PD(max) = 7.52 W
No Heat Sink
θHS = 20°C/W
θHS = 10°C/W
Infinite Heat
Sink
L, LENGTH OF COPPER (mm)
R
θJA
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
40
50
60
70
80
90
100
TA, AMBIENT TEMPERATURE (°C)
25
50
75
100
125
150
0
102030
25
15
5.0
L
L
Free Air
Mounted
Vertically
2.0 oz. Copper
PD(max) for TA = 50°C
0
0.4
0.8
1.2
1.6
2.0
2.4
Minimum
Size Pad


Similar Part No. - MC78M06ACT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC78M06ACDT MCC-MC78M06ACDT Datasheet
112Kb / 2P
   Three-Terminal Positive Voltage Regulators
MC78M06ACDT-TP MCC-MC78M06ACDT-TP Datasheet
112Kb / 2P
   Three-Terminal Positive Voltage Regulators
More results

Similar Description - MC78M06ACT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL78M05XJ3 CYSTEKEC-PL78M05XJ3 Datasheet
152Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05L3 CYSTEKEC-LM78M05L3 Datasheet
255Kb / 6P
   Three Terminal Medium Current Positive Voltage Regulators
LM78M05XA3 CYSTEKEC-LM78M05XA3 Datasheet
169Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com