Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ208R8ARA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ208R8ARA
Description  Surface Mounting Chip LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ208R8ARA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ208R8ARA Datasheet HTML 1Page - Panasonic Semiconductor LNJ208R8ARA Datasheet HTML 2Page - Panasonic Semiconductor LNJ208R8ARA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD00414BEK
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: December 2008
1
Light Emitting Diodes
LNJ208R8ARA
Surface Mounting Chip LED
SS Type
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Power dissipation
PD
50
mW
Forward current
IF
20
mA
Pulse forward current *
IFP
100
mA
Reverse voltage
VR
3
V
Operating ambient temperature
Topr
–25 to +85
°
C
Storage temperature
Tstg
–40 to +100
°
C
Note) *: The condition of IFP is duty 10%, Pulse width 1 msec.
Electro-Optical Characteristics Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminous intensity
IO
IF = 10 mA
2.75
6.7
mcd
Reverse current
IR
VR = 3 V
100
µA
Forward voltage
VF
IF = 10 mA
1.72
2.5
V
Peak emission wavelength
λP
IF = 10 mA
660
nm
Spectral half band width
Δλ
IF = 10 mA
20
nm
0° 10°
10°
20°
20°
30°
30°
40°
40°
50°
50°
60°
60°
70°
70°
80°
80°
80°
60°
40°
20°
90°
90°
0
0
0
5
25
10
15
20
20
40
60
80
100
20
1.6
1
10
100
1.8
2.0
2.2
2.4
60
40
20
0
80
100
10
1
0
20
40
60
80
100
10
1
10
0.1
100
100
1000
20
20
40
40
60
60
80
600
500
700
800
80
100
100
IO  IF
IF  VF
IF  Ta
Directive characteristics
Relative luminous intensity (%)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Relative luminous intensity  Ta
Relative luminous intensity  λP
Peak emission wavelength λP (nm)
Lighting Color
Red


Similar Part No. - LNJ208R8ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ208R8ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1251C PANASONIC-LN1251C Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LNJ010C6BRAV PANASONIC-LNJ010C6BRAV Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ115W89RA PANASONIC-LNJ115W89RA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ115W8ARA PANASONIC-LNJ115W8ARA Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ211R8ARA PANASONIC-LNJ211R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ8L4C18RAA PANASONIC-LNJ8L4C18RAA Datasheet
393Kb / 3P
   Surface Mounting Chip LED
LNJ826W86RA PANASONIC-LNJ826W86RA Datasheet
353Kb / 3P
   Surface Mounting Chip LED
LNJ03004BDD3 PANASONIC-LNJ03004BDD3 Datasheet
653Kb / 3P
   Surface Mounting Chip LED
LNJ03004BND1 PANASONIC-LNJ03004BND1 Datasheet
649Kb / 3P
   Surface Mounting Chip LED
LNJ308G8TRA PANASONIC-LNJ308G8TRA_08 Datasheet
336Kb / 3P
   Surface Mounting Chip LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com