Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSS138PW
Description  60 V, 320 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSS138PW Datasheet HTML 3Page - NXP Semiconductors BSS138PW Datasheet HTML 4Page - NXP Semiconductors BSS138PW Datasheet HTML 5Page - NXP Semiconductors BSS138PW Datasheet HTML 6Page - NXP Semiconductors BSS138PW Datasheet HTML 7Page - NXP Semiconductors BSS138PW Datasheet HTML 8Page - NXP Semiconductors BSS138PW Datasheet HTML 9Page - NXP Semiconductors BSS138PW Datasheet HTML 10Page - NXP Semiconductors BSS138PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BSS138PW
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 2 November 2010
7 of 16
NXP Semiconductors
BSS138PW
60 V, 320 mA N-channel Trench MOSFET
Tamb =25
°CTamb =25 °C; VDS =5V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical
values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tamb =25
°C
(1) VGS =2.0 V
(2) VGS =2.5 V
(3) VGS =3.0 V
(4) VGS =3.5 V
(5) VGS =10 V
ID =300 mA
(1) Tamb = 150
°C
(2) Tamb =25
°C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
VDS (V)
0.0
4.0
3.0
1.0
2.0
017aaa112
0.4
0.6
0.2
0.8
1.0
ID
(A)
0.0
3.0 V
2.25 V
2.0 V
2.5 V
2.75 V
VGS = 3.5 V
017aaa113
10−4
10−5
10−3
ID
(A)
10−6
VGS (V)
0.0
2.0
1.5
0.5
1.0
(2)
(1)
(3)
ID (A)
0.0
1.0
0.8
0.4
0.6
0.2
017aaa114
2.0
3.0
1.0
4.0
5.0
RDSon
(
Ω)
0.0
(2)
(1)
(3)
(5)
(4)
VGS (V)
0.0
10.0
8.0
4.0
6.0
2.0
017aaa115
2.0
4.0
6.0
RDSon
(
Ω)
0.0
(1)
(2)


Similar Part No. - BSS138PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
TECH PUBLIC Electronics...
BSS138PW TECHPUBLIC-BSS138PW Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW_15 Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
More results

Similar Description - BSS138PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
BSS138BKW PHILIPS-BSS138BKW Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
logo
Nexperia B.V. All right...
BSS138BKW NEXPERIA-BSS138BKW Datasheet
1Mb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 12 August 2011
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW_15 Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002PS NXP-2N7002PS Datasheet
382Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-1 July 2010
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138PS PHILIPS-BSS138PS_15 Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com