Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES6U41 Datasheet(PDF) 4 Page - Rohm

Part # ES6U41
Description  2.5V Drive NchSBD MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ES6U41 Datasheet(HTML) 4 Page - Rohm

  ES6U41_12 Datasheet HTML 1Page - Rohm ES6U41_12 Datasheet HTML 2Page - Rohm ES6U41_12 Datasheet HTML 3Page - Rohm ES6U41_12 Datasheet HTML 4Page - Rohm ES6U41_12 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.B
Data Sheet
ES6U41
<Di>
0
200
400
600
800
1000
02
4
6
8
10
Ta=25°C
Pulsed
ID= 0.75A
ID= 1.50A
0
1
2
3
4
5
00.5
1
1.5
2
Ta=25°C
VDD= 15V
ID= 1.5A
RG=10Ω
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
Ciss
Coss
Crss
Ta=25°C
f=1MHz
VGS=0V
1
10
100
1000
0.01
0.1
1
10
tr
td(on)
td(off)
Ta=25°C
VDD= 15V
VGS= 4.5V
RG=10Ω
Pulsed
tf
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
Fig.12 Dynamic Input Characteristics
Fig.13 Typical Capacitance
vs. Drain-Source Voltage
Fig.11 Switching Characteristics
GATE-SOURCE VOLTAGE : VGS[V]
DRAIN-CURRENT : ID[A]
TOTAL GATE CHARGE : Qg [nC]
DRAIN-SOURCE VOLTAGE : VDS[V]
0.01
0.1
1
10
100
1000
10000
100000
0
5
10
15
20
25
pulsed
Ta= - 25℃
Ta = 25℃
Ta = 75℃
0.001
0.01
0.1
1
0
0.1
0.2
0.3
0.4
0.5
0.6
pulsed
Ta= - 25℃
Ta = 25℃
Ta = 75℃
REVERSE VOLTAGE : VR[V]
Fig.1 Reverse Current vs. Reverse Voltage
FORWARD VOLTAGE : VF[V]
Fig.2 Forward Current vs. Forward Voltage


Similar Part No. - ES6U41_12

ManufacturerPart #DatasheetDescription
logo
Rohm
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
   2.5V Drive NchSBD MOSFET
More results

Similar Description - ES6U41_12

ManufacturerPart #DatasheetDescription
logo
Rohm
US6U37 ROHM-US6U37 Datasheet
134Kb / 5P
   2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_07 Datasheet
80Kb / 4P
   2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
   2.5V Drive NchSBD MOSFET
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
   2.5V Drive NchSBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
   2.5V Drive Nch SBD MOSFET
US5U1 ROHM-US5U1_07 Datasheet
80Kb / 4P
   2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_1 Datasheet
68Kb / 4P
   2.5V Drive NchSBD MOSFET
US5U3TR ROHM-US5U3TR Datasheet
73Kb / 4P
   2.5V Drive NchSBD MOSFET
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
   2.5V Drive NchSBD MOS FET
QS5U13 ROHM-QS5U13_06 Datasheet
90Kb / 5P
   2.5V Drive NchSBD MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com