Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTD743XE Datasheet(PDF) 1 Page - Rohm

Part # DTD743XE
Description  200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD743XE Datasheet(HTML) 1 Page - Rohm

  DTD743XE_11 Datasheet HTML 1Page - Rohm DTD743XE_11 Datasheet HTML 2Page - Rohm DTD743XE_11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.11 - Rev.B
200mA / 30V Low VCE (sat) Digital transistors
(with built-in resistors)
DTD743XE / DTD743XM
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Feature
1) VCE(sat) is lower than the conventional products.
2) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
3) The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
4) Only the on / off conditions need to be set for operation,
making the device design easy.
Structure
NPN epitaxial plannar silicon transistor
(Resistor built-in type)
Absolute maximum ratings (Ta=25
C)
Packaging specifications
Parameter
Symbol
VCC
30
−7 to +20
200
150
150
−55 to +150
DTD743XE DTD743XM
V
VIN
V
mA
mW
IC (max)
PD
Tj
Tstg
Unit
C
C
Limits
∗1
∗1 Characteristics of built-in transistor.
∗2 Each terminal mounted on a recommended land.
∗2
Supply voltage
Input voltage
Collector current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
C)
Equivalent circuit
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
2.5
3.29
140
1.7
70
4.7
2.1
260
0.3
300
1.4
500
6.11
2.6
V
VCC= 5V, IO= 100
μA
VO= 0.3V, IO= 20mA
IO/II= 50mA / 2.5mA
VI= 5V
VCC= 30V, VI=0V
VO= 2V, IO= 100mA
VCE= 10V, IE=
−5mA, f=100MHz
mV
mA
nA
k
Ω
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor.
EMT3
VMT3
DTD743XE
Part No.
DTD743XM
TL
3000
T2L
8000
Package
Packaging type
Taping
Taping
Code
Basic ordering
unit (pieces)
R1
R1=4.7k
Ω / R2=10kΩ
R2
IN
GND
OUT
IN
GND
OUT
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
VMT3
(1) GND
(2) IN
(3) OUT
(1) IN
(2) GND
(3) OUT
EMT3
JEITA No. (SC-75A)
JEDEC No. <SOT-416>
DTD743XE
DTD743XM
Abbreviated symbol : M43
Abbreviated symbol : M43
Each lead has same dimensions
Each lead has same dimensions


Similar Part No. - DTD743XE_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD743XE ROHM-DTD743XE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743XE ROHM-DTD743XE Datasheet
354Kb / 7P
   NPN 200mA 30V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTD743XE_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB713ZE ROHM-DTB713ZE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB713ZE ROHM-DTB713ZE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD713ZE ROHM-DTD713ZE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB723YE ROHM-DTB723YE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD723YE ROHM-DTD723YE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB743XE ROHM-DTB743XE Datasheet
63Kb / 2P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTB743EE ROHM-DTB743EE_09 Datasheet
184Kb / 3P
   -200mA / -30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD743EE ROHM-DTD743EE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
DTD723YE ROHM-DTD723YE Datasheet
63Kb / 2P
   200mA / 30V Low VCE (sat) Digital transistors(with built-in resistors)
DTD713ZE ROHM-DTD713ZE_09 Datasheet
184Kb / 3P
   200mA / 30V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com