Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRP2-50E3A0 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # VRP2-50E3A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP2-50E3A0 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button VRP2-50E3A0 Datasheet HTML 5Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 6Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 7Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 8Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 9Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 10Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 11Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 12Page - Bel Fuse Inc. VRP2-50E3A0 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
9
NON-ISOLATED DC/DC CONVERTERS
5 Vdc - 13.8 Vdc Input
0.6 Vdc - 5 Vdc/50 A Output
Nov. 02, 2010
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Control Specifications
Parameter
Min
Typ
Max
Unit
Notes
Remote On/Off (Active High)
Signal Low (Unit Off)
-0.3
-
0.8
V
Signal High (Unit On)
2
-
Vin,max
V
Remote On/Off pin is open, unit is off.
Current Source/Sink
0
-
3.3
mA
Recommended remote on/off circuit for active high
Control with open collector/drain circuit
Control with photocoupler circuit
Control with logic circuit
Permanently on
Output Trim Equations
Equations for calculating the trim resistor are shown below. The Trim Up resistor should be connected between
the Trim+ pin and Trim- pin.
Maximum duty cycle is 65%.
Minimum trim down voltage is 0.6V
Maximum trim up voltage is 5V.
The total voltage increased by trim and remote sense should not exceed 10% of the nominal output voltage.
The resistor trim equation:
The voltage trim equation:
1.2
()
0.6
trim
RK
Vo
Module
Vout
Trim+
Trim–
Rtrim
()
()
1
2
1
1.2 2
()
0.6
1.2
trim
trim
trim
trim
RV
RK
RVo
−−
Trim+
+
-
Vtrim
Trim-
Rtrim1
Rtrim2
Vin +
Vin-
On/o ff
Vcc
Vin+
Vin-
On/off
Vc c
Vin+
Vin-
On/off
Vin+
Vin-
On/off
Vcc


Similar Part No. - VRP2-50E3A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRP2-50E1A0 BEL-VRP2-50E1A0 Datasheet
631Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRP2-50E1A0 BEL-VRP2-50E1A0 Datasheet
636Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
VRP2-50E1A0 BEL-VRP2-50E1A0 Datasheet
586Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
VRP2-50E1A1 BEL-VRP2-50E1A1 Datasheet
586Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRP2-50E3A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com