Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBW53V08XRG Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # HBW53V08XRG
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

HBW53V08XRG Datasheet(HTML) 4 Page - Bel Fuse Inc.

  HBW53V08XRG Datasheet HTML 1Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 2Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 3Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 4Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 5Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 6Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 7Page - Bel Fuse Inc. HBW53V08XRG Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
ISOLATED DC/DC CONVERTERS
38 Vdc - 55 Vdc Input
53 Vdc/8 A Output
Aug. 10, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Efficiency Data
Efficiency Curve
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.80
2.00
4.00
6.00
8.00
Output Current(A)
38 V
48 V
55 V
Thermal Derating Curve
heatsink for above
thermal test


Similar Part No. - HBW53V08XRG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
HBW53V08MRG BEL-HBW53V08MRG Datasheet
166Kb / 6P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - HBW53V08XRG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com