Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RQ1-T0T12B Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RQ1-T0T12B
Description  ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQ1-T0T12B Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RQ1-T0T12B Datasheet HTML 1Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 2Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 3Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 4Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 5Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 6Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 7Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 8Page - Bel Fuse Inc. 0RQ1-T0T12B Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
36 Vdc - 75 Vdc Input,
12 Vdc/25 A Output
Jun. 14, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Short Circuit Surge Transient
-
TBD
-
A
2s
Turn on Time
-
80
120
mS
Overshoot at Turn on
-
0
3
%
Output Capacitance
0
-
5600
uF
Transient Response
Overshoot
-
-
600
mV
V
50%~75%
of Max Load
Settling Time
-
-
300
uS
Overshoot
-
-
600
mV
V
75%~50%
of Max Load
Settling Time
Vo=
12 V
-
-
300
uS
di/dt=0.1A/us, Vin=48Vdc, Ta=25
°C, with 1 uF ceramic capacitor and
a 10 uF tantalum capacitor at the
output.
Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
94
95
-
%
Vin=48 V, full load.
Switching Frequency
-
270
-
kHz
Isolation Capacitance
-
2200
-
pF
Over Temperature Protection
-
125
-
Over Voltage Protection
-
14
-
V
Output Voltage Trim Range
80
-
105
%Vo,set
Remote Sense Compensation
-
-
5
%Vo,set
The total voltage increased by trim
and remote sense should not exceed
5%Vo.
Weight
-
71
-
g
FIT
TBD
-
Calculated Per Bell Core SR-332
(Vin=48 V, Vo=12 V, Io=20 A, Ta =
25
C, FIT=109/MTBF)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.28 x 1.45 x 0.50
57.91 x 36.83 x 12.70
-
Note: All specifications are typical at 25 C unless otherwise stated.


Similar Part No. - 0RQ1-T0T12B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQ1-T0T120 BEL-0RQ1-T0T120 Datasheet
173Kb / 10P
   ISOLATED DC/DC CONVERTERS
0RQ1-T0T12L BEL-0RQ1-T0T12L Datasheet
173Kb / 10P
   ISOLATED DC/DC CONVERTERS
0RQ1-T0T12X BEL-0RQ1-T0T12X Datasheet
173Kb / 10P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQ1-T0T12B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com