Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RHB-Q2T53L Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0RHB-Q2T53L
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RHB-Q2T53L Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0RHB-Q2T53L Datasheet HTML 1Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 2Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 3Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 4Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 5Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 6Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 7Page - Bel Fuse Inc. 0RHB-Q2T53L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
48 Vdc Input
53 Vdc/8 A Output
Sep. 19, 2011
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Note: 1.When Remote On/Off pin is open, for active low option, unit is off; for active high option, unit is on.
2. The efficiency is measured at Vin=48V, full load and Ta=25°C.
3.Test the temperature of baseplate.
4. All specifications are typical at nominal input, full load at 25°C unless noted.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
Active Low
2.4 V
-
18 V
The remote on/off pin open, Unit
off.
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
Active High
2.4 V
-
18 V
The remote on/off pin open, Unit
on.
Current Sink
0 mA
-
2 mA
Output Trim Equations
Equations for calculating the trim resistor are shown below. The Trim Down resistor should be connected
between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the
Vout. Only one of the resistors should be used for any given application.
Note:Vo_req=Desired (trimmed) output voltage[V]
Output voltage Vo=53.000 V
 
k
delta
Rtrimdown
2
100
Module
Vout
Trim
GND
Rtrimup
Module
Vout
Trim
GND
Rtrimdown
 
%
100
_
Vo
Vo
req
Vo
delta
 
k
delta
delta
delta
Vo
delta
Rtrimup
)
2
100
(
225
.
1
)
100
(


Similar Part No. - 0RHB-Q2T53L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RHB-Q2T53LG BEL-0RHB-Q2T53LG Datasheet
513Kb / 12P
   Input Under-Voltage Lockout
More results

Similar Description - 0RHB-Q2T53L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com