Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-65U03 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0RCY-65U03
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-65U03 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0RCY-65U03 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-65U03 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
4
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input 3.3 Vdc /20 A Output, 1/8 Brick
Nov. 16, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Efficiency Data
Efficiency Curve
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
3
6
9
12
15
18
20.0
Output Current (A)
18V
24V
48V
60V
75V
Thermal Derating Curves
Maximum junction temperature of semiconductors derated to 120 degree C.
Derating curve under 18V input
Derating curve under 75V input


Similar Part No. - 0RCY-65U03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-65U03X BEL-0RCY-65U03X Datasheet
385Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-65U03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com