Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123EE Datasheet(PDF) 8 Page - Rohm

Part # DTA123EE
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123EE Datasheet(HTML) 8 Page - Rohm

  DTA123EE Datasheet HTML 1Page - Rohm DTA123EE Datasheet HTML 2Page - Rohm DTA123EE Datasheet HTML 3Page - Rohm DTA123EE Datasheet HTML 4Page - Rohm DTA123EE Datasheet HTML 5Page - Rohm DTA123EE Datasheet HTML 6Page - Rohm DTA123EE Datasheet HTML 7Page - Rohm DTA123EE Datasheet HTML 8Page - Rohm DTA123EE Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA123E series
Dimensions
(Unit : mm)
Dimension in mm/inches
SMT3
Patterm of terminal position areas 
D
b
x
S A
A
c
Q
A3
S
e
b2
e
MIN
MAX
MIN
MAX
A
1.00
1.30
-
0.051
A1
0.00
0.10
0
0.004
A3
b
0.35
0.50
0.014
0.02
c
0.09
0.25
0.004
0.01
D
2.80
3.00
0.11
0.118
E
1.50
1.80
0.059
0.071
e
HE
2.60
3.00
0.102
0.118
L1
0.30
0.60
0.012
0.024
Lp
0.40
0.70
0.016
0.028
Q
0.20
0.30
0.008
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
0.60
-
0.024
l1
-
0.90
-
0.035
0.25
0.01
DIM
MILIMETERS
INCHES
2.10
0.08
DIM
MILIMETERS
INCHES
0.95
0.04
8/8
2012.02 - Rev.C


Similar Part No. - DTA123EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Weitron Technology
DTA123EE WEITRON-DTA123EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
logo
Rohm
DTA123EE ROHM-DTA123EE Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
ON Semiconductor
DTA123EE ONSEMI-DTA123EE Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
More results

Similar Description - DTA123EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com