Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123EUA Datasheet(PDF) 7 Page - Rohm

Part # DTA123EUA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123EUA Datasheet(HTML) 7 Page - Rohm

  DTA123EUA Datasheet HTML 1Page - Rohm DTA123EUA Datasheet HTML 2Page - Rohm DTA123EUA Datasheet HTML 3Page - Rohm DTA123EUA Datasheet HTML 4Page - Rohm DTA123EUA Datasheet HTML 5Page - Rohm DTA123EUA Datasheet HTML 6Page - Rohm DTA123EUA Datasheet HTML 7Page - Rohm DTA123EUA Datasheet HTML 8Page - Rohm DTA123EUA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA123E series
Dimensions
(Unit : mm)
Dimension in mm/inches
UMT3
Patterm of terminal position areas 
x
S A
A
D
b
c
Q
A3
b2
S
e
e
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.02
Lp
0.25
0.55
0.01
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.50
-
0.02
l1
-
0.65
-
0.026
0.25
0.01
DIM
MILIMETERS
INCHES
1.55
0.06
DIM
MILIMETERS
INCHES
0.65
0.03
7/8
2012.02 - Rev.C


Similar Part No. - DTA123EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123EUA ROHM-DTA123EUA Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
DTA123EUA ROHM-DTA123EUA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
DTA123EUA ROHM-DTA123EUA Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123EUA ROHM-DTA123EUA Datasheet
222Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123EUA ROHM-DTA123EUA Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA123EUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com