Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA043EM Datasheet(PDF) 2 Page - Rohm

Part # DTA043EM
Description  100mA/-50V Digital transistors(with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA043EM Datasheet(HTML) 2 Page - Rohm

  DTA043EM Datasheet HTML 1Page - Rohm DTA043EM Datasheet HTML 2Page - Rohm DTA043EM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA043EM / DTA043EEB / DTA043EUB
 
Electrical characteristics (Ta=25℃)
Symbol
Max.
Unit
VI(off)
-0.5
V
VI(on)
-V
VO(on)
-0.15
V
II
-1.8
mA
IO(off)
-500
nA
GI
--
fT
-
MHz
R1
6.11
R2/R1
1.2
-
* Characteristics of built-in transistor
Electrical characteristics curves
         (ON characteristics)
(OFF characteristics)
Parameter
Min.
Typ.
Test Conditions
Input voltage
--
VCC=-5V / IO=-100uA
-2.2
-
VO=-0.3V / IO=-5mA
Output voltage
-
-0.07
IO=-5mA / II=-0.5mA
Input current
-
-
VI=-5V
Output current
-
-
VCC=-50V / VI=0V
DC current gain
20
-
VO=-10V / IO=-5mA
Transition frequency *
-
250
VCE=-10V /IE=5mA
f=100MHz
Input resistance
3.29
4.7
Resistance ratio
0.8
1.0
Fig.1 Input Voltage vs. Output Current
Fig.2 Input Voltage vs. Output Current
Fig.3 DC Current Gain vs. Output Current
Fig.4 Output Voltage vs. Output Current
-0.1
-1
-10
-100
-0.1
-1
-10
-100
OUTPUT CURRENT : IO (mA)
VO=-0.3V
Ta=-40ºC
Ta=25ºC
Ta=75ºC
Ta=125ºC
-0.001
-0.01
-0.1
-1
-10
0
-0.5
-1
-1.5
-2
-2.5
-3
INPUT VOLTAGE : VI(off) (V)
VCC=-5V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
1
10
100
1000
-0.1
-1
-10
-100
OUTPUT CURRENT : IO (mA)
VO=-10V
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
-0.001
-0.01
-0.1
-1
-0.1
-1
-10
-100
OUTPUT CURRNET : IO (mA)
IO/II=10
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta=-40ºC
2/2
2011.08 - Rev.A


Similar Part No. - DTA043EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA043EM ROHM-DTA043EM Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA043EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
   100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
   100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com