Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS80 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSS80
Description  PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS80 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSS80 Datasheet HTML 1Page - Siemens Semiconductor Group BSS80 Datasheet HTML 2Page - Siemens Semiconductor Group BSS80 Datasheet HTML 3Page - Siemens Semiconductor Group BSS80 Datasheet HTML 4Page - Siemens Semiconductor Group BSS80 Datasheet HTML 5Page - Siemens Semiconductor Group BSS80 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
BSS 80
BSS 82
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Test circuits
Delay and rise time
Storage and fall time
MHz
Transition frequency
IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
250
AC characteristics
pF
Open-circuit output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–6–
Unit
Values
Parameter
Symbol
min.
typ.
max.
ns
ns
ns
ns
VCC = 30 V, IC = 150 mA, IB1 = 150 mA
Delay time
Rise time
VCC = 6 V, IC = 150 mA, IB1 = IB2 = 15 mA
Storage time
Fall time
td
tr
tstg
tf
10
40
80
30


Similar Part No. - BSS80

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS806N INFINEON-BSS806N Datasheet
251Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
logo
ZP Semiconductor
BSS806N ZPSEMI-BSS806N Datasheet
247Kb / 3P
   OptiMOS?? Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS806N TYSEMI-BSS806N Datasheet
160Kb / 3P
   OptiMOS2 Small-Signal-Transistor
More results

Similar Description - BSS80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com