Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDZ5.1B Datasheet(PDF) 3 Page - Rohm

Part # CDZ5.1B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CDZ5.1B Datasheet(HTML) 3 Page - Rohm

  CDZ5.1B Datasheet HTML 1Page - Rohm CDZ5.1B Datasheet HTML 2Page - Rohm CDZ5.1B Datasheet HTML 3Page - Rohm CDZ5.1B Datasheet HTML 4Page - Rohm CDZ5.1B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.10 - Rev.B
Data Sheet
CDZ8.2B
Electrical characteristic curves (Ta=25
C)
TIME:t(ms)
PRSM-TIME CHARACTERISTICS
ZENER VOLTAGE:Vz(V)
γz-Vz CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
0
20
40
60
80
100
120
0
25
50
75
100
125
150
0.1
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
t
PRSM
0.001
0.01
0.1
1
10
0
5
10
15
20
3.6
16
15
13
12
11
10
9.1
8.2
7.5
5.6
6.8
6.2
5.1
4.7
4.3
3.9
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
010
20
30
40
-5
0
5
10
15
20
25
30
35
40
AMBIENT TEMPERATURE:Ta(℃)
Pd-Ta CHARACTERISTICS


Similar Part No. - CDZ5.1B

ManufacturerPart #DatasheetDescription
logo
Rohm
CDZ5.1B ROHM-CDZ5.1B Datasheet
108Kb / 5P
   Zener diode
CDZ5.1B ROHM-CDZ5.1B Datasheet
160Kb / 5P
   Zener diode
CDZ5.1B ROHM-CDZ5.1B Datasheet
161Kb / 5P
   Zener diode
CDZ5.1B ROHM-CDZ5.1B Datasheet
125Kb / 5P
   Zener diode
CDZ5.1B ROHM-CDZ5.1B Datasheet
108Kb / 5P
   Zener diode
More results

Similar Description - CDZ5.1B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com