Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS297 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSS297
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS297 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSS297 Datasheet HTML 1Page - Siemens Semiconductor Group BSS297 Datasheet HTML 2Page - Siemens Semiconductor Group BSS297 Datasheet HTML 3Page - Siemens Semiconductor Group BSS297 Datasheet HTML 4Page - Siemens Semiconductor Group BSS297 Datasheet HTML 5Page - Siemens Semiconductor Group BSS297 Datasheet HTML 6Page - Siemens Semiconductor Group BSS297 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
12/05/1997
BSS 297
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• VGS(th) = 0.8...2.0V
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Marking
BSS 297
200 V
0.48 A
2
TO-92
SS 297
Type
Ordering Code
Tape and Reel Information
BSS 297
Q67000-S118
E6288
BSS 297
Q67000-S292
E6325
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
200
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
200
Gate source voltage
VGS
± 14
Gate-source peak voltage,aperiodic
Vgs
± 20
Continuous drain current
TA = 25 °C
ID
0.48
A
DC drain current, pulsed
TA = 25 °C
IDpuls
1.92
Power dissipation
TA = 25 °C
Ptot
1
W


Similar Part No. - BSS297

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Infineon Technologies A...
BSS295 INFINEON-BSS295 Datasheet
99Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSS295E6288 INFINEON-BSS295E6288 Datasheet
99Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSS295E6325 INFINEON-BSS295E6325 Datasheet
99Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
logo
Siemens Semiconductor G...
BSS296 SIEMENS-BSS296 Datasheet
76Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - BSS297

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com