Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP5037B12 Datasheet(PDF) 2 Page - Rohm

Part # BP5037B12
Description  AC100V input, 12V/200mA output Non-isolated AC/DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5037B12 Datasheet(HTML) 2 Page - Rohm

  BP5037B12_12 Datasheet HTML 1Page - Rohm BP5037B12_12 Datasheet HTML 2Page - Rohm BP5037B12_12 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - BP5037B12_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5037B12 ROHM-BP5037B12_10 Datasheet
1,022Kb / 4P
   Non-Isolated AC/DC Converter
More results

Similar Description - BP5037B12_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5039A ROHM-BP5039A Datasheet
37Kb / 3P
   AC/DC converter - AC100V input, 24V/200mA output
BP5039-15 ROHM-BP5039-15 Datasheet
38Kb / 3P
   AC/DC converter - AC100V input, 15V/200mA output
BP5090-12 ROHM-BP5090-12 Datasheet
422Kb / 3P
   AC/DC converter AC100V input, −12V/200mA output
BP5710-1 ROHM-BP5710-1 Datasheet
403Kb / 3P
   AC/DC converter AC100V input, 12V/350mA output
BP5034D12 ROHM-BP5034D12 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 12V/100mA output
BP5033-12 ROHM-BP5033-12 Datasheet
66Kb / 3P
   AC/DC converter - AC100V input, 12V/100mA output
BP5038A ROHM-BP5038A Datasheet
405Kb / 3P
   AC/DC converter AC100V input, 12V/30mA output
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
   AC/DC converter AC100V input, 5V/30mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
BP5068-15 ROHM-BP5068-15 Datasheet
64Kb / 3P
   AC/DC converter - AC100V input, -15V/800mA output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com