Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8JX-G03515 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S8JX-G03515
Description  Switch Mode Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G03515 Datasheet(HTML) 3 Page - Omron Electronics LLC

  S8JX-G03515 Datasheet HTML 1Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 2Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 3Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 4Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 5Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 6Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 7Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 8Page - Omron Electronics LLC S8JX-G03515 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
S8JX
3
*1. The front-mounting bracket is included as standard with the product.
*2. A front-mounting bracket is not included with the product.
*3. The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Configuration
Input voltage
Power ratings
Output voltage (VDC)
Output current
Model
Covered Power
Supplies
Front-mounting
*1
100 to 240 VAC
(free)
(80 to 370 VDC
*3)
S8JX-G15005
@@:
Switchable between
100 to 120 VAC and
200 to 240 VAC. (DC
power cannot be
input.)
15 W
5 V
3 A
S8JX-G01505C
12 V
1.3 A
S8JX-G01512C
15 V
1 A
S8JX-G01515C
24 V
0.65 A
S8JX-G01524C
48 V
0.35 A
S8JX-G01548C
35 W
5 V
7 A
S8JX-G03505C
12 V
3 A
S8JX-G03512C
15 V
2.4 A
S8JX-G03515C
24 V
1.5 A
S8JX-G03524C
48 V
0.75 A
S8JX-G03548C
50 W
5 V
10 A
S8JX-G05005C
12 V
4.2 A
S8JX-G05012C
24 V
2.1 A
S8JX-G05024C
48 V
1.1 A
S8JX-G05048C
100 W
5 V
20 A
S8JX-G10005C
12 V
8.5 A
S8JX-G10012C
24 V
4.5 A
S8JX-G10024C
48 V
2.1 A
S8JX-G10048C
150 W
5 V
30 A
S8JX-G15005C
12 V
13 A
S8JX-G15012C
24 V
6.5 A
S8JX-G15024C
48 V
3.3 A
S8JX-G15048C
DIN Rail-mounting
*2
15 W
5 V
3 A
S8JX-G01505CD
12 V
1.3 A
S8JX-G01512CD
15 V
1 A
S8JX-G01515CD
24 V
0.65 A
S8JX-G01524CD
48 V
0.35 A
S8JX-G01548CD
35 W
5 V
7 A
S8JX-G03505CD
12 V
3 A
S8JX-G03512CD
15 V
2.4 A
S8JX-G03515CD
24 V
1.5 A
S8JX-G03524CD
48 V
0.75 A
S8JX-G03548CD
50 W
5 V
10 A
S8JX-G05005CD
12 V
4.2 A
S8JX-G05012CD
24 V
2.1 A
S8JX-G05024CD
48 V
1.1 A
S8JX-G05048CD
100 W
5 V
20 A
S8JX-G10005CD
12 V
8.5 A
S8JX-G10012CD
24 V
4.5 A
S8JX-G10024CD
48 V
2.1 A
S8JX-G10048CD
150 W
5 V
30 A
S8JX-G15005CD
12 V
13 A
S8JX-G15012CD
24 V
6.5 A
S8JX-G15024CD
48 V
3.3 A
S8JX-G15048CD
Front-mounting
*1
100 to 120 VAC
200 to 240 VAC
(Swichable)
300 W
24 V
14 A
S8JX-G30024C
600 W
27 A
S8JX-G60024C
DIN Rail-mounting
*2
300 W
14 A
S8JX-G30024CD


Similar Part No. - S8JX-G03515

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G03515 OMRON-S8JX-G03515 Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G03515C OMRON-S8JX-G03515C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G03515CD OMRON-S8JX-G03515CD Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G03515D OMRON-S8JX-G03515D Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
More results

Similar Description - S8JX-G03515

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com