Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8JX-G01512 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # S8JX-G01512
Description  Switch Mode Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G01512 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button S8JX-G01512 Datasheet HTML 3Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 4Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 5Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 6Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 7Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 8Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 9Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 10Page - Omron Electronics LLC S8JX-G01512 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
S8JX
7
*1. When a load is connected that has a built-in DC-DC converter, the overload protection may operate at startup and the Power Supply may not
start. Refer to Overload Protection on page 15.
*2. Do not use an Inverter output for the Power Supply. Inverters with an output frequency of 50/60 Hz are available, but the rise in the internal
temperature of the Power Supply may result in ignition or burning.
*3. Rated input voltage: 100 or 200 VAC at 100% load.
*4. Output characteristics: Specified at power supply output terminals.
*5. If the output voltage adjuster (V. ADJ) is turned, the voltage will increase by more than the allowable voltage range. When adjusting the output
voltage, confirm the actual output voltage from the Power Supply and be sure that load is not damaged.
*6. For details, refer to Overload Protection on page 15.
*7. To reset the protection, turn OFF the input power for three minutes or longer and then turn it back ON.
*8. The weight indicated is a for Front-mounting, Open-frame Power Supply.
*9. The protection-ON alarm indicator will light as soon as the output is interrupted. For resetting, turn OFF the input power, leave for more than
three minutes , and then turn it back ON again.
*10.The range for compliance with EC Directives and safety standards (UL, EN, etc.) is 100 to 240 VAC (85 to 264 VAC).
Input specification
100/200 V (Selected)
Item
Power ratings
*1
300 W
600 W
Efficiency
82% min.
80% min.
Input
Voltage
*2
100 to 120 VAC (allowable range: 85 to 132 VAC)
200 to 240 VAC (allowable range: 170 to 264 VAC)
(Switchable)
Frequency
*2
50/60 Hz (47 to 450 Hz)
Current
*3
100 V input
8 A max.
14 A max.
200 V input
4.5 A max.
8 A max.
Power factor
---
Harmonic current emissions
---
Leakage current
*3
100 V input
0.5 mA max.
200 V input
1 mA max.
Inrush current (for a
cold start at 25
°C) *3
100 V input
25 A max.
30 A max.
200 V input
50 A max.
60 A max.
Noise filter
Yes
Output
*4
Voltage adjustment range
*5
−10% to 15% (with V. ADJ)
Ripple
*3
2% (p-p) max.
Input variation influence
0.4% max.
Load variation influence
0.8% max. (0 to 100% load, rated input voltage)
Temperature variation influence
0.05%/
°C max.
Startup time
650 ms max.
500 ms max.
Hold time
*3
20 ms min.
Additional
functions
Overload protection
*6
105% to 175% of rated load current,
voltage drop, intermittent, automatic reset
105% to 175% of rated load current, Inverted
L voltage drop, the circuit will be shut OFF
when the overload exceeds 5 s.
*9
Overvoltage protection
*7
Yes
Yes
*9
Overheat protection
No
Yes
*9
Parallel operation
Yes (up to 5 units)
Series operation
Yes (For up to two Power Supplies; external diodes required.)
Protective circuit operation indicator
No
Yes (color: red)
Other
Ambient operating temperature
Refer to the derating curve in Engineering Data on page 13 (with no icing or condensation).
Storage temperature
−25 to 65°C (with no icing or condensation)
Ambient operating humidity
25% to 85% (Storage humidity: 25% to 90%)
Dielectric strength
3.0 kVAC for 1 min. (between all inputs and outputs; detection current: 25 mA)
2.0 kVAC for 1 min. (between all inputs and PE terminals; detection current: 25 mA)
1.0 kVAC for 1 min. (between all outputs and PE terminals; detection current: 25 mA)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs/PE terminals) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, ±Z directions
Output indicator
Yes (Color: Green)
EMI
Conducted Emissions
*3
Conforms to EN 55011 Group 1 Class A and based on FCC Class A
Radiated Emissions
Conforms to EN 55011 Group 1 Class A
EMS
Electrostatic Discharge
Confirms to EN61000-4-2
Radiated Electromagnetic Field
Confirms to EN61000-4-3
Electrical Fast Transient/Burst
Confirms to EN61000-4-4
Surge
Confirms to EN61000-4-5
Conducted Disturbance
Confirms to EN61000-4-6
Voltage Dips/Short Interruptions
Confirms to EN61000-4-11
Approved standards
*10
UL UR: UL 508 (Recognition), UL UR: UL 60950-1 (Recognition)
cUL Listed: CSA C22.2 No.107.1
cUR: CSA C22.2 No. 60950-1
EN/VDE: EN50178 (= VDE 0160), EN 60950-1 (= VDE 0805 Teil 1)
(Terminal block: Based on DIN 50274 (VDE 0660-514))
SEMI
SEMI F47-0200 (200-VAC input)
Weight
*8
1,600 g max.
2,500 g max.


Similar Part No. - S8JX-G01512

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G01512 OMRON-S8JX-G01512 Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G01512 OMRON-S8JX-G01512 Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G01512C OMRON-S8JX-G01512C Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
S8JX-G01512C OMRON-S8JX-G01512C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G01512CD OMRON-S8JX-G01512CD Datasheet
486Kb / 4P
   Offers Flexible Selection, High Reliability and Ease of Operation
More results

Similar Description - S8JX-G01512

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com