Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5511D Datasheet(PDF) 9 Page - Sanken electric

Part # LC5511D
Description  LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5511D Datasheet(HTML) 9 Page - Sanken electric

Back Button LC5511D Datasheet HTML 5Page - Sanken electric LC5511D Datasheet HTML 6Page - Sanken electric LC5511D Datasheet HTML 7Page - Sanken electric LC5511D Datasheet HTML 8Page - Sanken electric LC5511D Datasheet HTML 9Page - Sanken electric LC5511D Datasheet HTML 10Page - Sanken electric LC5511D Datasheet HTML 11Page - Sanken electric LC5511D Datasheet HTML 12Page - Sanken electric LC5511D Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
SANKEN ELECTRIC CO., LTD.
LC5500-AN, Rev.1.2
Electrical Characteristics
This section provides separate sets of electrical characteristic
data, using representative examples (refer to individual data-
sheets for more details):
• LC551xD series (non-isolated): LC5513D is the example
• LC552xD series (isolated): LC5521D is the example
• LC552xF series (isolated): LC5523F is the example
Current direction is sink is positive (+) and source is nega-
tive (–) in reference to the IC.
LC5513D Absolute Maximum Ratings TA = 25°C, unless otherwise specified
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current1
IDPeak
Single pulse
8 – 1
4.0
A
Single Pulse Avalanche Energy1
EAS
ILPeak = 2.7 A, VDD = 99 V, L = 20 mH
8 – 1
86
mJ
Supply Voltage for Controller Chip
VCC
2 – 1
35
V
OCP Pin Voltage
VOCP
3 – 1
−2.0 to 5.0
V
COMP Pin Voltage
VCOMP
4 – 1
−0.3 to 7.0
V
ISENSE Pin Voltage
VISEN
6 – 1
−0.3 to 5.0
V
Allowable Power Dissipation of
MOSFET2
PD1
8 – 1
0.97
W
Operating Ambient Temperature
TOP
―−55 to 125
°C
Storage Temperature
Tstg
―−55 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to each individual product datasheet for details.
2
Mounted on a 15 mm × 15 mm PCB.
LC5513D ELECTRICAL CHARACTERISTICS (MOSFET) TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage1
VDSS
8 – 1
650
――
V
Drain Leakage Current
IDSS
8 – 1
――
300
μA
On Resistance1
RDS(on)
8 – 1
――
1.9
Ω
Switching Time1
tf
8 – 1
――
400
ns
Thermal Resistance1,2
Rθch-c
Between channel and case
―――
35.5
°C/W
1
Refer to each individual product datasheet for details.
2
The thermal resistance between the channels of the MOSFET and the case. TC measured at the center of the case top surface.


Similar Part No. - LC5511D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
   Hybrid IC
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results

Similar Description - LC5511D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com