Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450A Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # 2450A
Description  Commercial Switches and Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2450A Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 2450A Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 11Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 12Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 13Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 14Page - Honeywell Solid State Electronics Center 2450A Datasheet HTML 15Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
11
www.honeywell.com/sensing
MASS AIRFLOW
AWM5000 Series - High flow
AWM5000 Series Microbridge Mass Airflow Sensors feature a Venturi type flow housing. They
measure flow as high as 20 standard liters per minute (SLPM) while inducing a maximum pressure
drop of 2.25 inches H
2O. The microbridge chip is in direct contact with the flow stream, greatly
reducing error possibilities due to orifice or bypass channel clogging.
The rugged plastic package has been designed to withstand common mode pressures up to 50
psi, and the small sensing element allows 100 g of shock without compromising performance. The
included “AMP” compatible connector provides reliable connection in demanding applications.
Each AWM5000 sensor contains circuitry which performs amplification, linearization, temperature
compensation, and gas calibration. A 1 to 5 Vdc linear output is possible for all listings regardless of flow
range (5, 10, 15, or 20 SLPM) or calibration gas (nitrogen, carbon dioxide, nitrous oxide, or argon). All
calibration is performed by active laser.
Signal conditioning:
Amplified (1 Vdc to 5 Vdc)
Port style:
Threaded, ¼¨ NPT
FLOW/PRESSURE RANGE
REFERENCE
0 SLPM to 5 SLPM (N
2 calibration)
AWM5101VN
0 SLPM TO 10 SLPM (N
2 calibration)
AWM5102VN
0 SLPM to 20 SLPM (CO
2 calibration)
AWM5104VC
0 SLPM to 20 SLPM (N
2 calibration)
AWM5104VN
AWM700 Series
AWM700 Series microbridge mass airflow sensors provide in-line flow measurement with a specially
designed bypass flow housing. The sensors measure flow as high as 200 standard liters per minute
(SLPM) while inducing a pressure drop of 1 inch H
2O, typically. The AWM700 has a high flow range
capability in a small package.
Signal conditioning:
Amplified (1 Vdc to 5 Vdc)
Port style:
Tapered, 22 mm
FLOW/PRESSURE RANGE
REFERENCE
+ 200 SLPM
AWM720P1
CAUTION
PRODUCT DAMAGE
AWM Series Microbridge Mass Airflow
Sensors are not designed to sense
liquid flow and will be damaged by
liquid flow through the sensor.
Failure to comply with these
instructions could result in product


Similar Part No. - 2450A

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
2450AD14A5500T JOHANSON-2450AD14A5500T Datasheet
306Kb / 6P
   802.11 Dual Band 2.45/5 GHz Mini Chip Antenna. WiFi, Wireless LAN
logo
Laird Tech Smart Techno...
2450AD14A5500T LSTD-2450AD14A5500T Datasheet
3Mb / 80P
   Integrated 802.11 a/b/g/n/ac WLAN, Bluetooth & BLE Module
logo
Johanson Technology Inc...
2450AD46A5388 JOHANSON-2450AD46A5388 Datasheet
477Kb / 4P
   2.45 / 5.39 GHz Antenna
2450AD46A5400 JOHANSON-2450AD46A5400 Datasheet
333Kb / 4P
   2.45 GHz / 5.40 GHz Antenna
More results

Similar Description - 2450A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZBWE112A24 SCHNEIDER-XZBWE112A24 Datasheet
156Kb / 5P
   wireless transmitter for sensors and switches
logo
Murata Manufacturing Co...
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
   Position Sensors Environment-Sealed Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com