Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2455RM Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 2455RM
Description  Commercial Switches and Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2455RM Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 2455RM Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 11Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 12Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 13Page - Honeywell Solid State Electronics Center 2455RM Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10
www.honeywell.com/sensing
AWM3000 Series
Like the AWM2000 Series, the dual Wheatstone
bridges control airflow measurement. The
AWM3000 Series is amplified; therefore, it can be
used to increase the gain and to introduce voltage
offsets to the sensor output. The heater control
circuit and the sensing bridge supply circuit are on
board the package.
Signal conditioning:
Am-
plified (1 Vdc to 5 Vdc)
Port style:
Straight
FLOW/PRESSURE RANGE
REFERENCE
± 200 sccm
AWM3100V
+ 2.0 in H
20 (5 mBar)
AWM3200V
± 1000 sccm (1 SLPM)
AWM3300V
AWM40000 Series
The microbridge mass airflow sensor operates
on the theory of heat transfer. Mass airflow is
directed across the surface of the sensing
elements. Output voltage varies in proportion
to the mass air or other gas flow through the
inlet and outlet ports of the package. The
specially designed housing precisely directs
and controls the airflow across the
microstructure sensing element. Mechanical
design of the package allows it to be easily
mounted to printed circuit boards.
The microbridge mass airflow sensor has a
unique silicon chip based on advanced
microstructure technology. It consists of a
thin-film, thermally isolated bridge structure
containing heater and temperature sensing
elements. The bridge structure provides a
sensitive and fast response to the flow of air or
other gas over the chip. Dual sensing elements
positioned on both sides of a central heating
element indicate flow direction as well as flow
rate. Laser trimmed thick film and thin film
resistors provide consistent interchangeability
from one device to the next.
Port style:
Manifold
SIGNAL
FLOW/
REFERENCE
CONDITIONING
PRESSURE RANGE
Unamplified (8.5 mV)
± 25 sccm
AWM42150VH
Unamplified (54.7 mV) ± 1000 sccm (1 SLPM) AWM42300V
Amplified
± 1000 sccm (1 SLPM) AWM43300V
(1 Vdc to 5 Vdc)
Amplified
+ 6 SLPM
AWM43600V
(1 Vdc to 5 Vdc)
Mass Airflow sensors contain a thin-film, thermally isolated bridge structure containing heater and
temperature sensing elements. The bridge structure provides a sensitive and fast response to the flow of
air or other gas over the chip.
State-of-the-art chip design and manufacturing techniques allow the microbridge to be remarkably
sensitive, fast, small. Used wherever airflow needs to be measured.
Supply voltage:
8 Vdc to 15 Vdc
Operating temperature:
-25 °C to 85 °C (-13 °F to 185 °F)
Media compatibility:
Dry gas only
AWM2000 Series
The AWM2000 Series microbridge mass airflow
sensor is a passive device comprised of two
Wheatstone bridges and has bidirectional sensing
capability. The heater control circuit is required for
operation per specifications. The sensing bridge
supply circuit is also required for operation per
specifications. These two circuits are not on board
the package and must be supplied in the
application. The differential amplifier is a useful
interface for the sensing bridge. It can be used to
introduce gain and to voltage offsets to the sensor
output.
Signal conditioning: Unamplified (-44,5 mVdc to
44,5 mVdc)
Port style:
Straight
Sensor resistance:
5 kOhm
FLOW/PRESSURE RANGE
REFERENCE
± 200 sccm
AWM2100V
± 4.0 in H
2O (10 mBar)
AWM2200V
± 1000 sccm (1 SLPM)
AWM2300V
MASS AIRFLOW
Mass Airflow
Sensors


Similar Part No. - 2455RM

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455RM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZBWE112A24 SCHNEIDER-XZBWE112A24 Datasheet
156Kb / 5P
   wireless transmitter for sensors and switches
logo
Murata Manufacturing Co...
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
   Position Sensors Environment-Sealed Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com