Part Name
         Description
2450RCH

 Commercial Switches and Sensors ( 73 Page)


HONEYWELL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
www.honeywell.com/sensing
CPC/CPX Series
Low Pressure
Signal conditioning:
Unamplified
compensated - (CPC Series)
noncompensated - (CPX Series)
Supply voltage:
12 Vdc typ.
16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
OPTIONS
CPC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
(1.0 psi) 4.0 in H
2O
CPCL04DFC
Gauge
(1.0 psi) 4.0 in H
2O
CPCL04GFC
Differential
(1.0 psi) 10.0 in H
2O
CPCL10DFC
CPX Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
4.0 in H
2O
CPXL04DF
Differential
10.0 in H
2O
CPCL10DF
PRESSURE
24PC/26PC Series
(Continued)
Type 2
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through
30.0 psi
26PCDFG2G
Type 5
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through/Vacuum Gauge 100 psi
26PCFFU5G
24PC/26PC SMT
(Surface Mount Technology)
Signal conditioning:
Unamplified
noncompensated- (24PC SMT Series)
compensated - (26 PC SMT Series)
Supply voltage:
10 Vdc typ.
12 Vdc max. (24PC SMT Series)
16 Vdc max. (26PC SMT Series)
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Port style:
Straight, 1,88 mm Ø (0.74 in)
Termination:
SMT solder
Measurement type:
Gauge, Vacuum Gauge,
Differential, Wet/Wet Differential
OPTIONS
24PC SMT Series
PRESSURE RANGE
REFERENCE
0 psi to 1.0 psi
24PC01SMT
0 psi to 5.0 psi
24PC05SMT
0 psi to 15.0 psi
24PC15SMT
26PC SMT Series
PRESSURE RANGE
REFERENCE
0 psi to 1.0 psi
26PC01SMT
0 psi to 5.0 psi
26PC05SMT
0 psi to 15.0 psi
26PC15SMT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl