Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5203D Datasheet(PDF) 2 Page - Sanken electric

Part # LC5203D
Description  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5203D Datasheet(HTML) 2 Page - Sanken electric

  LC5203D Datasheet HTML 1Page - Sanken electric LC5203D Datasheet HTML 2Page - Sanken electric LC5203D Datasheet HTML 3Page - Sanken electric LC5203D Datasheet HTML 4Page - Sanken electric LC5203D Datasheet HTML 5Page - Sanken electric LC5203D Datasheet HTML 6Page - Sanken electric LC5203D Datasheet HTML 7Page - Sanken electric LC5203D Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LED Lighting IC
LC5203D
SANKEN ELECTRIC CO.,LTD.
2/8
13 October 2011
1 Scope
The present specifications shall apply to a LED driver IC for LED lighting, LC5203D.
2 Outline
Type
Hybrid Integrated Circuit
Structure
Plastic Molded (Transfer Mold)
Applications
LED Lighting
3 Absolute Maximum Ratings (Ta=25℃)
Parameter
Terminal
Symbol
Ratings
Units
Remarks
Main Power Supply Voltage
6−8
VBB
250
V
Output MOSFET Breakdown Voltage
5−4
Vo
250
V
Output Current
5−4
IO
1.0
1
A
Exclude tw<1µs
Ref Input Voltage
3−8
VRef
−0.3~V
Reg+0.3
V
Sense Voltage
4−8
VSen
-0.3~4
V
Exclude tw<1µs
Allowable Power Dissipation
PD
1.73
2
W
Mounted on PWB
3
Junction Temperature
Tj
150
Operating Temperature Range
Ta
−40~105
Storage Temperature Range
Tstg
−40~150
※1 Output current rating may be limited by duty cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the specified junction temperature (Tj).
※2 Allowable Power Dissipation depends on PWB pattern layout.
※3 Mounted on Sanken evaluation board.


Similar Part No. - LC5203D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5203D SANKEN-LC5203D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Similar Description - LC5203D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com