Part Name
         Description
BD63843EFV

 Stepping Motor Driver series Micro step 36V Stepping Motor Drivers ( 9 Page)


ROHM
100% 
Zoom Out Zoom In
   
 8 page
background image
Technical Note
8/8
BD63843EFV, BD63847EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
6
3
8
4
3
EF
V
-E 2
形名
パッケージ
EFV=HTSSOP-B28
包装、フォーミング仕様
E2: リール状エンボステーピング
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape (with dry pack)
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
HTSSOP-B28
0.08 M
0.08 S
S
4
°
+6°
−4°
0.17
+0.05
-0.03
15
28
14
1
(5.5)
(MAX 10.05 include BURR)
0.625
9.7
±0.1
1PIN MARK
0.65
0.24
+0.05
-0.04



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl