Part Name
         Description
BD63823EFV

 Moter Drivers for Printers Motor Drivers with Brush for Printers ( 9 Page)


ROHM
100% 
Zoom Out Zoom In
   
 1 page
background image
1/8
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Moter Drivers for Printers
Motor Drivers with Brush
for Printers
BD63821EFV, BD63823EFV
Description
BD63821EFV/BD63823EFV series are built-in 2 channel H-bridge circuits that can drive 2pcs DC brush motor or 1pcs
stepping motor.
These drivers facilitate low power consumption by the direct PWM or PWM constant current control.
Feature
1) Single power supply input (rated voltage of 36V)
2) Rated output current (peak): 1.0A(1.5A), 2.0A(2.8A)
3) Low ON resistance DMOS output
4) Forward, Reverse, Brake, Open
5) Power save function
6) External PWM control
7) PWM constant current control (current limit function)
8) Built-in spike noise cancel function (external noise filter is unnecessary)
9) Driver for 2 DC brush motor
10) Driver for 1 stepping motor
11) FULL STEP, HALF STEP (driving stepping motor)
12) µSTEP drive by external DAC (driving stepping motor)
13) Built-in logic input pull-down resistor
14) Cross-conduction prevention circuit
15) Signal output of detecting the motor lock state (Wired-OR)
16) Signal output of detecting the abnormal states (Wired-OR)
17) Thermal shutdown circuit (TSD)
18) Over current protection circuit (OCP)
19) Under voltage lock out circuit (UVLO)
20) Over voltage lock out circuit (OVLO)
21) Ghost Supply Prevention (protects against malfunction when power supply is disconnected)
22) Electrostatic discharge: 8kV (HBM specification)
23) Adjacent pins short protection
24) Inverted mounting protection
25) Microminiature, ultra-thin and high heat-radiation (exposed metal type) HTSSOP-B28 package
26) Pin-compatible line-up
Application
PPC, multi-function printer, laser beam printer, ink jet printer, monitoring camera, WEB camera, sewing machine, photo
printer, FAX, scanner, mini printer, toy, and robot etc.
No.12010EAT06



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl