Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63823EFV Datasheet(PDF) 4 Page - Rohm

Part # BD63823EFV
Description  Moter Drivers for Printers Motor Drivers with Brush for Printers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63823EFV Datasheet(HTML) 4 Page - Rohm

  BD63823EFV Datasheet HTML 1Page - Rohm BD63823EFV Datasheet HTML 2Page - Rohm BD63823EFV Datasheet HTML 3Page - Rohm BD63823EFV Datasheet HTML 4Page - Rohm BD63823EFV Datasheet HTML 5Page - Rohm BD63823EFV Datasheet HTML 6Page - Rohm BD63823EFV Datasheet HTML 7Page - Rohm BD63823EFV Datasheet HTML 8Page - Rohm BD63823EFV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Technical Note
4/8
BD63821EFV, BD63823EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Points to notice for terminal description
PS/ Power save terminal
PS can make circuit standby state and make motor output open
Please be careful of delay 40μs(max.) before it is returned from off state to normal state.
PS
State
L
POWER SAVE (STANDBY)
H
ACTIVE
IN1A,I N1B, IN2A, IN2B/ H bridge control terminal
Input
Output
State
PS
IN1A
IN2A
IN1B
IN2B
OUT1A
OUT2A
OUT1B
OUT2B
L
X
X
OPEN
OPEN
POWER SAVE (STANDBY)
H
L
L
OPEN
OPEN
STOP
H
H
L
H
L
FORWARD
H
L
H
L
H
REVERSE
H
H
H
L
L
BRAKE
X: H or L
Protection Circuits
Thermal Shutdown (TSD)
This IC has a built-in thermal shutdown circuit for thermal protection. When the IC’s chip temperature rises above 175°C
(Typ.), the motor output becomes open. Also, when the temperature returns to under 150°C (Typ.), it automatically
returns to normal operation. However, even when TSD is in operation, if heat is continued to be added externally, heat
overdrive can lead to destruction.
Over Current Protection (OCP)
This IC has a built in over current protection circuit as a provision against destruction when the motor outputs are shorted
each other or VCC-motor output or motor output-GND is shorted. This circuit latches the motor output to open condition
when the regulated threshold current flows for 4μs (typ.). It returns with power reactivation or a reset of the PS terminal.
The over current protection circuit’s only aim is to prevent the destruction of the IC from irregular situations such as motor
output shorts, and is not meant to be used as protection or security for the set. Therefore, sets should not be designed to
take into account this circuit’s functions. After OCP operating, if irregular situations continues and the return by power
reactivation or a reset of the PS terminal is carried out repeatedly, then OCP operates repeatedly and the IC may
generate heat or otherwise deteriorate. When the L value of the wiring is great due to the wiring being long, after the over
current has flowed and the output terminal voltage jumps up and the absolute maximum values may be exceeded and as
a result, there is a possibility of destruction. Also, when current which is over the output current rating and under the OCP
detection current flows, the IC can heat up to over Tjmax=150°C and can deteriorate, so current which exceeds the
output rating should not be applied.
Under Voltage Lock Out (UVLO)
This IC has a built-in under voltage lock out function to prevent false operation such as IC output during power supply
under voltage. When the applied voltage to the VCC terminal goes under 15V (Typ.), the motor output is set to open. This
switching voltage has a 1V (Typ.) hysteresis to prevent false operation by noise etc. Please be aware that this circuit
does not operate during power save mode.
Over Voltage Lock Out (OVLO)
This IC has a built-in over voltage lock out function to protect the IC output and the motor during power supply over
voltage. When the applied voltage to the VCC terminal goes over 32V (Typ.), the motor output is set to OPEN. This
switching voltage has a 1V (Typ.) hysteresis and a 4μs (Typ.) mask time to prevent false operation by noise etc. Although
this over voltage locked out circuit is built-in, there is a possibility of destruction if the absolute maximum value for power
supply voltage is exceeded, therefore the absolute maximum value should not be exceeded. Please be aware that this
circuit does not operate during power save mode.
Ghost Supply Prevention (protects against malfunction when power supply is disconnected)
If a signal (IN1A, IN1B, IN2A, IN2B, PS, VREF1, VREF2) is input when there is no power supplied to this IC, there is a
function which prevents the false operation by voltage supplied via the electrostatic destruction prevention diode from
these input terminals to the VCC to this IC or to another IC’s power supply. Therefore, there is no malfunction of the
circuit even when voltage is supplied to these input terminals while there is no power supply.


Similar Part No. - BD63823EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63823EFV ROHM-BD63823EFV Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD63823EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BD6212FP ROHM-BD6212FP_13 Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
KA3003-H05N20A ROHM-KA3003-H05N20A Datasheet
341Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
KR2002-D06B71A ROHM-KR2002-D06B71A Datasheet
357Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
KR3002-B06N1BA ROHM-KR3002-B06N1BA Datasheet
331Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
KA3002-B05N00A ROHM-KA3002-B05N00A Datasheet
71Kb / 2P
   For Mobile Printers series
2019.10 - Rev.002
KA3008-C03N10A ROHM-KA3008-C03N10A Datasheet
325Kb / 2P
   For Mobile Printers series
2022.04 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com