Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9161FVM Datasheet(PDF) 6 Page - Rohm

Part # BD9161FVM
Description  2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM Datasheet(HTML) 6 Page - Rohm

Back Button BD9161FVM Datasheet HTML 2Page - Rohm BD9161FVM Datasheet HTML 3Page - Rohm BD9161FVM Datasheet HTML 4Page - Rohm BD9161FVM Datasheet HTML 5Page - Rohm BD9161FVM Datasheet HTML 6Page - Rohm BD9161FVM Datasheet HTML 7Page - Rohm BD9161FVM Datasheet HTML 8Page - Rohm BD9161FVM Datasheet HTML 9Page - Rohm BD9161FVM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6/17
BD9161FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00190-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Fig.12 Vcc-Fosc
Fig.13 Soft start waveform
Fig.14 SW waveform Io=10mA
Fig.15 SW waveform Io=500mA


Similar Part No. - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9161FVM-LBTR ROHM-BD9161FVM-LBTR Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
More results

Similar Description - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com