Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-S612 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-S612
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S612 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-S612 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S612 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S612 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S612 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-S612 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-S612 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
Typ. transfer characteristics
I
D = f (VGS)
parameter:
t
p = 80 µs, VDS ≥ 2 × ID × RDS(on)max.
Drain-source on-resistance
R
DS(on) = f (Tj)
parameter:
I
D = 0.014 A, VGS = 0 V, (spread)
Typ. forward transconductance
g
fs = f (ID)
parameter:
V
DS ≥ 2 × ID × RDS(on)max., tp = 80 µs
Typ. capacitances
C = f (V
DS)
parameter:
V
GS = 0, f
= 1 MHz
BSS 139


Similar Part No. - Q62702-S612

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S619 SIEMENS-Q62702-S619 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Infineon Technologies A...
Q62702-S619 INFINEON-Q62702-S619 Datasheet
101Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results

Similar Description - Q62702-S612

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS229 SIEMENS-BSS229 Datasheet
303Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS159 SIEMENS-BSS159 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP129 SIEMENS-BSP129 Datasheet
321Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP135 SIEMENS-BSP135 Datasheet
411Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP149 SIEMENS-BSP149 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS129 SIEMENS-BSS129 Datasheet
282Kb / 6P
   SIPMOS Small-Signal Transistor(N channel Depletion mode High dynamic resistance)
BSS135 SIEMENS-BSS135 Datasheet
318Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS149 SIEMENS-BSS149 Datasheet
279Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS169 SIEMENS-BSS169 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com