Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9132MUV Datasheet(PDF) 10 Page - Rohm

Part # BD9132MUV
Description  2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9132MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD9132MUV Datasheet HTML 6Page - Rohm BD9132MUV Datasheet HTML 7Page - Rohm BD9132MUV Datasheet HTML 8Page - Rohm BD9132MUV Datasheet HTML 9Page - Rohm BD9132MUV Datasheet HTML 10Page - Rohm BD9132MUV Datasheet HTML 11Page - Rohm BD9132MUV Datasheet HTML 12Page - Rohm BD9132MUV Datasheet HTML 13Page - Rohm BD9132MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00140-1-2
©
ROHM Co., Ltd. All rights reserved.
10/18
02.MAR.2012 Rev.001
TSZ22111・15・001
BD9132MUV
Datasheet
Information on Advantages
Advantage 1:Offers fast transient response with current mode control system.
Voltage drop due to sudden change in load was reduced by about 50%.
Fig.24 Comparison of transient response
Advantage 2: Offers high efficiency for all load range.
・For lighter load:
Utilizes the current mode control mode called SLLM for lighter load, which reduces various dissipation such as switching
dissipation (PSW), gate charge/discharge dissipation, ESR dissipation of output capacitor (PESR) and on-resistance
dissipation (PRON) that may otherwise cause degradation in efficiency for lighter load.
Achieves efficiency improvement for lighter load.
・For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance MOS FETs incorporated as power transistor.
ON resistance of Highside MOS FET : 82mΩ(Typ.)
ON resistance of Lowside MOS FET : 70mΩ(Typ.)
Achieves efficiency improvement for heavier load.
Offers high efficiency for all load range with the improvements mentioned above.
Advantage 3:・Supplied in smaller package due to small-sized power MOS FET incorporated.
Reduces a mounting area required.
Fig.26 Example application
Conventional product (Load response IO=1A→3A)
BD9132MUV (Load response IO=1A→3A)
VOUT
IOUT
145mV
VOUT
IOUT
62mV
Fig.25 Efficiency
・Output capacitor Co required for current mode control: 22μF ceramic capacitor
・Inductance L required for the operating frequency of 1 MHz: 2.2μH inductor
・Incorporates FET + Boot strap diode
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
①inprovement by SLLM system
②improvement by synchronous rectifier
Output current Io[A]
Output
PGND
GND
Gm Amp
R
S
Q
OSC
UVLO
TSD
+
VCC
VCC
CLK
SLOPE
EN
Current
Comp
Soft
Start
Current
Sense/
Protect
+
Driver
Logic
+
VREF
ITH
ADJ
RITH CITH
R1
R2
PVCC
SW
PVCC
BST
VCC
3.3V
Input
SCP
15mm
20mm
R2
CITH
Cf
Co
L
R1
RITH
Rf
CBST
CIN


Similar Part No. - BD9132MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9132MUV ROHM-BD9132MUV Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD9132MUV-E2 ROHM-BD9132MUV-E2 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD9132MUV ROHM-BD9132MUV_14 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9132MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com