Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94310-DYMT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC94310-DYMT
Description  200mA LDO with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-DYMT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC94310-DYMT Datasheet HTML 1Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 2Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 3Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 4Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 5Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 6Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 7Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 8Page - Micrel Semiconductor MIC94310-DYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC94310
February 2012
5
M9999-020612-A
Absolute Maximum Ratings(1)
Input Voltage (VIN).............................................. -0.3 to +4V
Output Voltage (VOUT) .................... –0.3 to VIN+0.3V or +4V
Enable Voltage (VEN)...................... –0.3 to VIN+0.3V or +4V
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (Ts).........................–65°C to +150°C
ESD Rating
(3).................................................................. 3kV
Operating Ratings(2)
Input Voltage (VIN)........................................ +1.8V to +3.6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
Thin MLF
® JA)................................................173°C/W
CSP (
θJA) .........................................................250°C/W
Electrical Characteristics(4)
VIN = VEN = VOUT + 500mV (VIN = VEN = 3.6V for VOUT ≥ 3.1V); IOUT = 1mA; COUT = 1µF; TA = 25°C,
bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Input Voltage
1.8
3.6
V
Output Voltage Accuracy
Variation from nominal VOUT
–3
±1
+3
%
Dropout Voltage
VIN to VOUT dropout at 100mA output current
VIN to VOUT dropout at 200mA output current
20
40
50
100
mV
Load Regulation
1mA to 100mA
4
mV
Line Regulation
VIN = VOUT + 500mV to 3.6V
0.01
0.5
%
Ground Current
No load to full load
170
250
µA
Shutdown Current
VEN = 0V
0.2
5
µA
VIN Ripple Rejection
f = 100Hz, IOUT = 100mA
f = 100kHz, IOUT = 100mA
f = 1MHz, IOUT = 100mA
f = 10MHz, IOUT = 100mA
85
68
57
50
dB
Current Limit
VOUT = 0V
250
400
700
mA
Total Output Noise
10Hz to 100kHz
83
μVRMS
Turn-On Time
70
μs
Enable
Input Logic Low
0.4
V
Input Logic High
1.0
V
Input Current
0.01
1
µA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.


Similar Part No. - MIC94310-DYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-DYMT MICREL-MIC94310-DYMT Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
More results

Similar Description - MIC94310-DYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com