Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8960NV Datasheet(PDF) 1 Page - Rohm

Part # BD8960NV
Description  2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 1 Page - Rohm

  BD8960NV Datasheet HTML 1Page - Rohm BD8960NV Datasheet HTML 2Page - Rohm BD8960NV Datasheet HTML 3Page - Rohm BD8960NV Datasheet HTML 4Page - Rohm BD8960NV Datasheet HTML 5Page - Rohm BD8960NV Datasheet HTML 6Page - Rohm BD8960NV Datasheet HTML 7Page - Rohm BD8960NV Datasheet HTML 8Page - Rohm BD8960NV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/17
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00010-1-2
©
ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
2.7V to 5.5V, 2.0A 1ch
Synchronous Buck Converter Integrated FET
BD8960NV
●General Description
ROHM’s high efficiency step-down switching
regulator BD8960NV is a power supply designed to
produce a low voltage including 1 volts from 5.5/3.3
volts power supply line. Offers high efficiency with
synchronous rectifier. Employs a current mode
control system to provide faster transient response
to sudden change in load.
●Features
 Offers fast transient response with current mode
PWM control system.
 Offers highly efficiency for all load range with
synchronous rectifier (Nch/Pch FET)
 Incorporates soft-start function.
 Incorporates thermal protection and ULVO
functions.
 Incorporates short-current protection circuit with
time delay function.
 Incorporates shutdown function
●Key Specifications
 Input voltage range:
2.7V to 5.5V
 Output voltage range:
1.0V to 2.5V
 Output current:
2.0A (Max.)
 Switching frequency:
1.0MHz(Typ.)
 Pch FET ON resistance:
200mΩ(Typ.)
 Nch FET ON resistance:
160mΩ(Typ.)
 Standby current:
0μA (Typ..)
 Operating temperature range:
-25℃ to +105℃
●Packages
SON008V5060:
5.0mm x 6.0mm x 1.0mm
●Applications
Power supply for LSI including DSP, Micro computer
and ASIC
●Typical Application Circuit
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
Fig.1 Typical Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.


Similar Part No. - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV-E2 ROHM-BD8960NV-E2 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com