Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67000-S229 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67000-S229
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-S229 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67000-S229 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-S229 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
Sep-13-1996
BSS 131
SIPMOS ® Small-Signal Transistor
• N channel
• Enhancement mode
• Logic Level
• VGS(th) = 0.8...2.0V
Pin 1
Pin 2
Pin 3
G
S
D
Type
VDS
ID
RDS(on)
Package
Marking
BSS 131
240 V
0.1 A
16
SOT-23
SRs
Type
Ordering Code
Tape and Reel Information
BSS 131
Q62702-S565
E6327
BSS 131
Q67000-S229
E6433
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
240
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
240
Gate source voltage
VGS
± 14
Gate-source peak voltage,aperiodic
Vgs
± 20
Continuous drain current
TA = 26 °C
ID
0.1
A
DC drain current, pulsed
TA = 25 °C
IDpuls
0.4
Power dissipation
TA = 25 °C
Ptot
0.36
W


Similar Part No. - Q67000-S229

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-S220 SIEMENS-Q67000-S220 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Q67000-S221 SIEMENS-Q67000-S221 Datasheet
330Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Q67000-S224 SIEMENS-Q67000-S224 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
Q67000-S225 SIEMENS-Q67000-S225 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Q67000-S227 SIEMENS-Q67000-S227 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
More results

Similar Description - Q67000-S229

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com