Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6453GUL Datasheet(PDF) 2 Page - Rohm

Part # BH6453GUL
Description  System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6453GUL Datasheet(HTML) 2 Page - Rohm

  BH6453GUL Datasheet HTML 1Page - Rohm BH6453GUL Datasheet HTML 2Page - Rohm BH6453GUL Datasheet HTML 3Page - Rohm BH6453GUL Datasheet HTML 4Page - Rohm BH6453GUL Datasheet HTML 5Page - Rohm BH6453GUL Datasheet HTML 6Page - Rohm BH6453GUL Datasheet HTML 7Page - Rohm BH6453GUL Datasheet HTML 8Page - Rohm BH6453GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BD6883GUL,BH6453GUL,BD6886GUL,BD6369GUL
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Ambient Temperature:
Ta[°C]
0
25
85
150
380
730
Ambient Temperature:
Ta[°C]
0
25
85
150
380
730
Ambient Temperature:
Ta[°C]
0
25
85
125
172
430
Ambient Temperature:
Ta[°C]
0
25
85
150
265
510
Absolute Maximum Ratings (Ta=+25°C)
Parameter
Symb
ol
Limit
Unit
BD6883GUL
BH6453GUL
BD6886GUL
BD6369GUL
Power supply voltage
VCC
-0.5 to +6.5
-0.5 to +4.5
-0.5 to +6.5
-0.5 to +6.5
V
Motor power supply voltage
VM
-
-
-0.5 to +6.5
-0.5 to +6.5
V
Control input voltage
VIN
-0.5 to VCC+0.5 -0.5 to VCC+0.5 -0.5 to VCC+0.5 -0.5 to VCC+0.5
V
Input voltage for
Constant-Voltage setting
VLIM
-0.5 to VCC+0.5
-
-0.5 to VM+0.5
-0.5 to VM+0.5
V
Input voltage for
Constant-Current setting
CLIM
-
-0.5 to VCC+0.5
-
-
V
Power dissipation
Pd
510
1
430
2
730
3
730
3
mW
Operating
temperature range
Topr
-25 to +85
-25 to +85
-25 to +85
-25 to +85
°C
Junction temperature
Tjmax
+150
+125
+150
+150
°C
Storage temperature range
Tstg
-55 to +150
-55 to +125
-55 to +150
-55 to +150
°C
H-bridge output current
Iout
-200 to +200
4
-300 to +300
5
-200 to +200
4
-500 to +500
4
mA
※1 Reduced by 4.08mW/°C over 25°C, when mounted on a glass epoxy board (50mm
 58mm  1.75mm; 8 layers).
※2 Reduced by 4.30mW/°C over 25°C, when mounted on a glass epoxy board (50mm
 58mm  1.75mm; 8 layers).
※3 Reduced by 5.84mW/°C over 25°C, when mounted on a glass epoxy board (50mm
 58mm  1.75mm; 8 layers).
※4 Must not exceed Pd, ASO, or Tjmax of 150°C.
※5 Must not exceed Pd, ASO, or Tjmax of 125°C.
Operating Conditions
Parameter
Symbol
Limit
Unit
BD6883GUL
BH6453GUL
BD6886GUL
BD6369GUL
Power supply voltage
VCC
+2.5 to +5.5
+2.3 to +3.6
+2.5 to +5.5
+2.5 to +5.5
V
Motor power supply voltage
VM
-
-
+2.5 to +5.5
+2.5 to +5.5
V
Control input voltage
VIN
0 to VCC
0 to VCC
0 to VCC
0 to VCC
V
Input voltage for
Constant-Voltage setting
VLIM
0 to VCC
-
0 to VM
0 to VM
V
Input voltage for
Constant-Current setting
CLIM
-
0 to VCC
-
-
V
H-bridge output current
Iout
-150 to +150
6
-200 to +200
6
-150 to +150
6
-400 +400
6
mA
※6 Must not exceed Pd or ASO.
Power Dissipation Reduction
Fig.1 BD6883GUL Power Dissipation Reduction
Fig.2 BH6453GUL Power Dissipation Reduction
Fig.3 BD6886GUL Power Dissipation Reduction
Fig.4 BD6369GUL Power Dissipation Reduction


Similar Part No. - BH6453GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6453GUL ROHM-BH6453GUL Datasheet
243Kb / 5P
   Silicon monolithic integrated circuits
BH6453GUL ROHM-BH6453GUL Datasheet
132Kb / 5P
   Silicon Monolithic Integrated Circuit
BH6453GUL ROHM-BH6453GUL_11 Datasheet
132Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BH6453GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6456GUL ROHM-BH6456GUL_12 Datasheet
443Kb / 20P
   System Lens Driver Series for Mobile Phone Cameras 2-wire serial interface Lens Driver for Voice Coil Motor(I2C BUS compatible)
BD6360GUL ROHM-BD6360GUL_15 Datasheet
1Mb / 18P
   Parallel Interface Type Lens Driver for Stepping Motor
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com