Electronic Components Datasheet Search |
|
BD6883GUL Datasheet(PDF) 2 Page - Rohm |
|
BD6883GUL Datasheet(HTML) 2 Page - Rohm |
2 / 17 page Technical Note 2/16 BD6883GUL,BH6453GUL,BD6886GUL,BD6369GUL www.rohm.com 2012.03 - Rev.A © 2012 ROHM Co., Ltd. All rights reserved. Ambient Temperature: Ta[°C] 0 25 85 150 380 730 Ambient Temperature: Ta[°C] 0 25 85 150 380 730 Ambient Temperature: Ta[°C] 0 25 85 125 172 430 Ambient Temperature: Ta[°C] 0 25 85 150 265 510 ● Absolute Maximum Ratings (Ta=+25°C) Parameter Symb ol Limit Unit BD6883GUL BH6453GUL BD6886GUL BD6369GUL Power supply voltage VCC -0.5 to +6.5 -0.5 to +4.5 -0.5 to +6.5 -0.5 to +6.5 V Motor power supply voltage VM - - -0.5 to +6.5 -0.5 to +6.5 V Control input voltage VIN -0.5 to VCC+0.5 -0.5 to VCC+0.5 -0.5 to VCC+0.5 -0.5 to VCC+0.5 V Input voltage for Constant-Voltage setting VLIM -0.5 to VCC+0.5 - -0.5 to VM+0.5 -0.5 to VM+0.5 V Input voltage for Constant-Current setting CLIM - -0.5 to VCC+0.5 - - V Power dissipation Pd 510※ 1 430※ 2 730※ 3 730※ 3 mW Operating temperature range Topr -25 to +85 -25 to +85 -25 to +85 -25 to +85 °C Junction temperature Tjmax +150 +125 +150 +150 °C Storage temperature range Tstg -55 to +150 -55 to +125 -55 to +150 -55 to +150 °C H-bridge output current Iout -200 to +200※ 4 -300 to +300※ 5 -200 to +200※ 4 -500 to +500※ 4 mA ※1 Reduced by 4.08mW/°C over 25°C, when mounted on a glass epoxy board (50mm 58mm 1.75mm; 8 layers). ※2 Reduced by 4.30mW/°C over 25°C, when mounted on a glass epoxy board (50mm 58mm 1.75mm; 8 layers). ※3 Reduced by 5.84mW/°C over 25°C, when mounted on a glass epoxy board (50mm 58mm 1.75mm; 8 layers). ※4 Must not exceed Pd, ASO, or Tjmax of 150°C. ※5 Must not exceed Pd, ASO, or Tjmax of 125°C. ● Operating Conditions Parameter Symbol Limit Unit BD6883GUL BH6453GUL BD6886GUL BD6369GUL Power supply voltage VCC +2.5 to +5.5 +2.3 to +3.6 +2.5 to +5.5 +2.5 to +5.5 V Motor power supply voltage VM - - +2.5 to +5.5 +2.5 to +5.5 V Control input voltage VIN 0 to VCC 0 to VCC 0 to VCC 0 to VCC V Input voltage for Constant-Voltage setting VLIM 0 to VCC - 0 to VM 0 to VM V Input voltage for Constant-Current setting CLIM - 0 to VCC - - V H-bridge output current Iout -150 to +150※ 6 -200 to +200※ 6 -150 to +150※ 6 -400 +400※ 6 mA ※6 Must not exceed Pd or ASO. ● Power Dissipation Reduction Fig.1 BD6883GUL Power Dissipation Reduction Fig.2 BH6453GUL Power Dissipation Reduction Fig.3 BD6886GUL Power Dissipation Reduction Fig.4 BD6369GUL Power Dissipation Reduction |
Similar Part No. - BD6883GUL_12 |
|
Similar Description - BD6883GUL_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |