Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94310 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC94310
Description  200mA LDO with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC94310 Datasheet HTML 5Page - Micrel Semiconductor MIC94310 Datasheet HTML 6Page - Micrel Semiconductor MIC94310 Datasheet HTML 7Page - Micrel Semiconductor MIC94310 Datasheet HTML 8Page - Micrel Semiconductor MIC94310 Datasheet HTML 9Page - Micrel Semiconductor MIC94310 Datasheet HTML 10Page - Micrel Semiconductor MIC94310 Datasheet HTML 11Page - Micrel Semiconductor MIC94310 Datasheet HTML 12Page - Micrel Semiconductor MIC94310 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC94310
February 2012
9
M9999-020612-A
Application Information
The MIC94310 is a very-high PSRR, fixed-output,
200mA LDO utilizing Ripple Blocker™ technology. The
MIC94310 is fully protected from damage due to fault
conditions, offering linear current limiting and thermal
shutdown.
Input Capacitor
The MIC94310 is a high-performance, high-bandwidth
device. An input capacitor of 0.47µF is required from the
input to ground to provide stability. Low-ESR ceramic
capacitors provide optimal performance at a minimum of
space. Additional high-frequency capacitors, such as
small-valued NPO dielectric-type capacitors, help filter
out high-frequency noise and are good practice in any
RF-based
circuit.
X5R
or
X7R
dielectrics
are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitor
In order to maintain stability, the MIC94310 requires an
output capacitor of 0.47µF or greater. For optimal ripple
rejection performance a 1µF capacitor is recommended.
The design is optimized for use with low-ESR ceramic
chip
capacitors.
High-ESR
capacitors
are
not
recommended because they may cause high-frequency
oscillation. The output capacitor can be increased, but
performance has been optimized for a 1µF ceramic
output capacitor and does not improve significantly with
larger capacitance.
X7R/X5R
dielectric
type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change their value by as much
as 50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with the Y5V dielectric, the value must be much higher
than an X7R ceramic capacitor to ensure the same
minimum capacitance over the equivalent operating
temperature range.
No Load Stability
The MIC94310 will remain stable and in regulation with
no load. This is especially important in CMOS RAM
keep-alive applications.
Enable/Shutdown
Forcing the enable (EN) pin low disables the MIC94310
and sends it into a “zero” off mode current state. In this
state, current consumed by the MIC94310 goes nearly to
zero. Forcing EN high enables the output voltage. The
EN pin uses CMOS technology and cannot be left
floating as it could cause an indeterminate state on the
output.
Thermal Considerations
The MIC94310 is designed to provide 200mA of
continuous current in a very-small package. Maximum
ambient operating temperature can be calculated based
on the output current and the voltage drop across the
part. For example if the input voltage is 2.5V, the output
voltage is 1.8V, and the output current = 200mA. The
actual power dissipation of the Ripple Blocker™ can be
determined using the equation:
PD = (VIN – VOUT1) I OUT + VIN IGND
Because this device is CMOS and the ground current is
typically <170µA over the load range, the power
dissipation contributed by the ground current is <1% and
can be ignored for this calculation.
PD = (2.5V – 1.8V) × 200mA
PD = 0.14W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
⎟⎟
⎜⎜
=
JA
A
J(max)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, the maximum junction temperature of the
die, θJA thermal resistance = 173°C/W for the Thin MLF
®
package.
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.


Similar Part No. - MIC94310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310 MICREL-MIC94310 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-4YCS-TR MICROCHIP-MIC94310-4YCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94310-4YM5 MICREL-MIC94310-4YM5 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
More results

Similar Description - MIC94310

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com