Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94300YCS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC94300YCS
Description  200mA Switch with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94300YCS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC94300YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 9Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 10Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 11Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 12Page - Micrel Semiconductor MIC94300YCS Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC94300
February 2012
10
M9999-020312-A
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC94300YMT at an
input voltage of 2.75V and 200mA load with a minimum
footprint layout, the maximum ambient operating
temperature TA can be determined as follows:
0.05W = (125
°C − TA)/(173°C/W)
TA = 116°C
Therefore the maximum ambient operating temperature
of 116°C is allowed in a 1.2mm x 1.6mm MLF
® package.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf
For more information about Micrel’s Ripple Blocker
products, go to:
http://www.micrel.com/rippleblocker/
http://www.micrel.com/page.do?page=/product-
info/products/mic94300.jsp
http://www.micrel.com/page.do?page=/product-
info/products/mic94310.jsp


Similar Part No. - MIC94300YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94300YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Pulse A Technitrol Comp...
PE-52647 PULSE-PE-52647 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
P587 PULSE-P587 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com