Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94300 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94300
Description  200mA Switch with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94300 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94300 Datasheet HTML 1Page - Micrel Semiconductor MIC94300 Datasheet HTML 2Page - Micrel Semiconductor MIC94300 Datasheet HTML 3Page - Micrel Semiconductor MIC94300 Datasheet HTML 4Page - Micrel Semiconductor MIC94300 Datasheet HTML 5Page - Micrel Semiconductor MIC94300 Datasheet HTML 6Page - Micrel Semiconductor MIC94300 Datasheet HTML 7Page - Micrel Semiconductor MIC94300 Datasheet HTML 8Page - Micrel Semiconductor MIC94300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC94300
200mA Switch
with Ripple Blocker
™ Technology
Ripple Blocker is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC94300 is an integrated load switch that
incorporates
Micrel’s
Ripple
Blocker
™ active filter
technology. The MIC94300 provides high-frequency ripple
attenuation (switching noise rejection) for applications
where a switching noise cannot be tolerated by sensitive
downstream circuits such as in RF applications. A low-
voltage logic enable pin disconnects the pass element and
places the MIC94300 into a low current-shutdown state
when disabled.
The MIC94300 operates from an input voltage of 1.8V to
3.6V, allowing true load switching of low-voltage power
rails in any electronic device. The output voltage (VOUT) is
set at a fixed drop (typically 170mV) from the input voltage
(VOUT = VIN – 170mV). This maintains high efficiency
independent of given load conditions and currents.
Packaged in a 0.88mm x 0.88mm 4-ball CSP or 4-pin
1.2mm x 1.6mm Thin MLF
® package, the MIC94300 has a
junction operating temperature range of
−40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 1.8V to 3.6V input voltage range
• Active noise rejection over a wide frequency band
>60dB from 40kHz to 5MHz
• Rated to 200mA output current
• Current-limit and thermal-limit protected
• Ultra-small 0.88mm x 0.88mm 4-ball CSP
• 1.2mm x 1.6mm, 4-pin Thin MLF®
• Logic-controlled enable pin
• −40°C to +125°C junction temperature range
Applications
• Smart phones
• Tablet PC/notebooks and webcams
• Digital still and video cameras
• Videoconferencing
• Bar-code scanners
• Global positioning systems
• Automotive and industrial applications
_________________________________________________________________________________________________
Typical Application
PSRR COUT = 1µF
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
VIN = 3.6V
VIN = 1.8V
VIN = 2.5V
VIN = VIN(NOM) + 40mVpp
LOAD = 100mA
10
100
1K
10K
100K
1M
10M
February 2012
M9999-020312-A


Similar Part No. - MIC94300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Pulse A Technitrol Comp...
PE-52647 PULSE-PE-52647 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
P587 PULSE-P587 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com