Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8895RQI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KSZ8895RQI
Description  Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8895RQI Datasheet(HTML) 2 Page - Micrel Semiconductor

  KSZ8895RQI Datasheet HTML 1Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 2Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 3Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 4Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 5Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 6Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 7Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 8Page - Micrel Semiconductor KSZ8895RQI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
Micrel, Inc.
KSZ8895MQ/RQ/FMQ
September 2011
2
M9999-091911-1.4
Features
Advanced Switch Features
IEEE 802.1q VLAN support for up to 128 VLAN groups
(full-range 4096 of VLAN IDs).
Static MAC table supports up to 32 entries.
VLAN ID tag/untag options, per port basis
IEEE 802.1p/q tag insertion or removal on a per port
basis based on ingress port (egress).
Programmable rate limiting at the ingress and egress
on a per port basis.
Jitter-free per packet based rate limiting support.
Broadcast storm protection with percentage control
(global and per port basis).
IEEE 802.1d rapid spanning tree protocol RSTP
support.
Tail tag mode (1 byte added before FCS) support at
Port 5 to inform the processor which ingress port
receives the packet.
1.4Gbps high-performance memory bandwidth and
shared
memory-based
switch
fabric
with
fully
non-blocking configuration.
Dual MII with MAC5 and PHY5 on port 5, SW5-
MII/RMII for MAC 5 and P5-MII/RMII for PHY 5.
Enable/Disable option for huge frame size up to 2000
Bytes per frame.
IGMP v1/v2 snooping (Ipv4) support for multicast
packet filtering.
IPv4/IPv6 QoS support.
Support
unknown
unicast/multicast
address
and
unknown VID packet filtering.
Self-address filtering.
Comprehensive Configuration Register Access
Serial management interface (MDC/MDIO) to all PHYs
registers and SMI interface (MDC/MDIO) to all registers.
High speed SPI (up to 25MHz) and I2C master
Interface to all internal registers.
I/0 pins strapping and EEPROM to program selective
registers in unmanaged switch mode.
Control registers configurable on the fly (port-priority,
802.1p/d/q, AN).
QoS/CoS Packet Prioritization Support
Per port, 802.1p and DiffServ-based.
1/2/4-queue QoS prioritization selection.
Programmable weighted fair queuing for ratio control.
Re-mapping of 802.1p priority field per port basis.
Integrated Five-Port 10/100 Ethernet Switch
New generation switch with five MACs and five PHYs
with fully compliant with IEEE 802.3u standard.
PHYs designed with patented enhanced mixed-signal
technology.
Non-blocking switch fabric assures fast packet delivery
by utilizing a 1K MAC address lookup table and a store-
and-forward architecture.
On-chip 64Kbyte memory for frame buffering (not
shared with 1K unicast address table).
Full duplex IEEE 802.3x flow control (PAUSE) with
force mode option.
Half-duplex back pressure flow control.
HP Auto MDI/MDI-X and IEEE Auto crossover support.
SW-MII interface supports both MAC mode and PHY
mode.
7-wire serial network interface (SNI) support for legacy
MAC.
Per port LED Indicators for link, activity, and 10/100
speed.
Register port status support for link, activity, full/half
duplex and 10/100 speed.
On-chip terminations and internal biasing technology
for cost down and lowest power consumption.
Switch Monitoring Features
Port mirroring/monitoring/sniffing: ingress and/or egress
traffic to any port or MII.
MIB counters for fully compliant statistics gathering 34
MIB counters per port.
Loop-back support for MAC, PHY and remote
diagnostic of failure.
Interrupt for the link change on any ports.
Low Power Dissipation
Full-chip hardware power-down.
Full-chip software power-down and per port software
power down.
Energy-detect mode support < 100mW full chip-power
consumption when all ports have no activity.
Very low full chip power consumption (<0.5W), without
extra power consumption on transformers.
Dynamic clock tree shutdown feature.
Voltages: Single 3.3V supply with 3.3V VDDIO and
Internal 1.2V LDO controller enabled, or external 1.2V
LDO solution.
Analog VDDAT 3.3V only.
VDDIO support 3.3V, 2.5V and 1.8V.
Low 1.2V core power .
0.13µ CMOS technology.
Commercial temperature range: 0°C to +70°C.
Industrial Temperature Range: -40°C to +85°C.
Available in 128-pin PQFP, lead-free package.


Similar Part No. - KSZ8895RQI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895RQI MICREL-KSZ8895RQI Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
More results

Similar Description - KSZ8895RQI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
   Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com