Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8895MQ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # KSZ8895MQ
Description  Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8895MQ Datasheet(HTML) 3 Page - Micrel Semiconductor

  KSZ8895MQ Datasheet HTML 1Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 2Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 3Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 4Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 5Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 6Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 7Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 8Page - Micrel Semiconductor KSZ8895MQ Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
Micrel, Inc. Confidential
KSZ8895MQ/RQ/FMQ
September 2011
3
M9999-091911-1.4
Applications
Typical
VoIP Phone
Set-top/Game Box
Automotive
Industrial Control
IPTV POF
SOHO Residential Gateway
Broadband Gateway/Firewall/VPN
Integrated DSL/Cable Modem
Wireless LAN access point + gateway
Standalone 10/100 switch
Ordering Information
Part Number
Temperature Range
Package
Lead Finish/Grade
KSZ8895MQ
0°C to 70°C
128-Pin PQFP
Pb-Free/Commercial
KSZ8895MQI
-40°C to +85°C
128-Pin PQFP
Pb-Free/Industrial
KSZ8895RQ
(1)
0°C to 70°C
128-Pin PQFP
Pb-Free/Commercial
KSZ8895RQI
(1)
-40°C to +85°C
128-Pin PQFP
Pb-Free/Industrial
KSZ8895FMQ
(1)
0°C to 70°C
128-Pin PQFP
Pb-Free/Commercial
KSZ8895FMQI
(1)
-40°C to +85°C
128-Pin PQFP
Pb-Free/Industrial
Note:
1. Please consult sales for the availability
Revision History
Revision
Date
Description
1.0
09/13/10
Initial document created
1.1
11/16/10
Remove TMQ part
1.2
01/20/11
Update the ordering information and some data.
1.3
03/18/11
Update the register number, descriptions and correct typo error.
1.4
08/30/11
Correct typo error for package information and update some
descriptions for SMI mode and IGMP and update register default
values, pins type and some parameters.


Similar Part No. - KSZ8895MQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KSZ8895MQ INFINEON-KSZ8895MQ Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Micrel Semiconductor
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
KSZ8895MQ MICREL-KSZ8895MQ Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQI MICREL-KSZ8895MQI Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
More results

Similar Description - KSZ8895MQ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8895MQ MICREL-KSZ8895MQ_12 Datasheet
1Mb / 116P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
logo
Infineon Technologies A...
KSZ8895 INFINEON-KSZ8895 Datasheet
870Kb / 115P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII interface
January 2011
logo
Microchip Technology
KSZ8895MQX MICROCHIP-KSZ8895MQX Datasheet
1Mb / 108P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
06/23/16
KSZ8794CNX MICROCHIP-KSZ8794CNX Datasheet
1Mb / 124P
   Integrated 4-Port 10/100 Managed Ethernet Switch with Gigabit RGMII/MII/RMII Interface
07/14/15
KSZ8775CLX MICROCHIP-KSZ8775CLX Datasheet
1Mb / 132P
   Integrated 5?밣ort 10/100 Managed Ethernet Switch with Port 4 RMII and Port 5 RGMII/MII/RMII Interfaces
06/17/16
KSZ8795CLX MICROCHIP-KSZ8795CLX Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX Datasheet
1Mb / 131P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/RMII Interfaces
07/14/15
KSZ8765CLX MICROCHIP-KSZ8765CLX_V01 Datasheet
1Mb / 132P
   Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
DS00002130C (05-02-22)
logo
Davicom Semiconductor, ...
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com