Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H16WD Datasheet(PDF) 2 Page - Crydom Inc.,

Part # H16WD
Description  H16WD Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

H16WD Datasheet(HTML) 2 Page - Crydom Inc.,

  H16WD Datasheet HTML 1Page - Crydom Inc., H16WD Datasheet HTML 2Page - Crydom Inc., H16WD Datasheet HTML 3Page - Crydom Inc., H16WD Datasheet HTML 4Page - Crydom Inc., H16WD Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
4-32 VDC
Must Turn-Off Voltage
1 .0 VDC
Maximum Reverse Voltage
32 VDC
Minimum Input Current @ Minimum Voltage (for on-state)
9mA
Maximum Input Current @ Maximum Voltage
11mA
Nominal Input Impedance
See Note 4
Maximum Turn-On Time [msec] (5)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
Wire Size max (solid/stranded) [AWG/ IEC mm²]
2 x 12 / 3.3
LED Status Indicator (Color)
w/G Option (green)
Input Terminal Screw Torque Range:
8-10 in lb (0.9-1.1Nm)
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
1010 Ohm
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3 oz (86.5 g)
Housing Material
Thermoplastic Polyester
SSR Mounting Torque Range [in lbs/Nm]
18-20 (2-2.2)
Baseplate Material
Aluminum
RoHS Exemption #’s
5(a), 7(a), 7(c)-I
GENERAL NOTES
GENERAL NOTES
1) All parameters at 40°C and per section unless otherwise specified.
2) Heat sinking required, see derating curves.
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) Input circuitry version incorporates active current limiter.
5) Turn-on time for DC control random turn-on versions is 0.02 msec
WIRING DIAGRAM


Similar Part No. - H16WD

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD6025 CRYDOM-H16WD6025 Datasheet
740Kb / 7P
   panel mount
H16WD6025G-10 CRYDOM-H16WD6025G-10 Datasheet
946Kb / 7P
   H16WD Series
H16WD6025 CRYDOM-H16WD6025_13 Datasheet
740Kb / 7P
   panel mount
H16WD6050 CRYDOM-H16WD6050 Datasheet
740Kb / 7P
   panel mount
H16WD6050-10 CRYDOM-H16WD6050-10 Datasheet
946Kb / 7P
   H16WD Series
More results

Similar Description - H16WD

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
H16WD6025G-10 CRYDOM-H16WD6025G-10 Datasheet
946Kb / 7P
   H16WD Series
H16WD6050-10 CRYDOM-H16WD6050-10 Datasheet
946Kb / 7P
   H16WD Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com