Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSOT23-SM712 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDSOT23-SM712
Description  RS-485 Port Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOT23-SM712 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDSOT23-SM712 Datasheet HTML 1Page - Bourns Electronic Solutions CDSOT23-SM712 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RS-485 Port Protection Evaluation Board 2
Performance Graphs
11/11 • FU1107
ESD +8 KV Contact Discharge (IEC-61000-4-2)
Surge 1.2/50 5 KV
120 Vrms
28 Vrms
Figure 3
Figure 4
Figure 5
Figure 6
Ch 1: input voltage / surge / fault to TBU® HSP
Ch 4: TBU® HSP current
1
Ch1
Ch1
116 V
MA
400 ns
31.60 %
1.00 A Ω
Ch4
200 V
Ch1 Max
329 V
Ch1 Min
-20.5 V
Trig?
PreVu
Ch4 Max
1.98 A
Ch4 Min
-81.1 mA
T
T
4
The ohm unit following the current units
shown for Channel 4 (i.e. AOhm)
indicates that a 50 ohm termination was
used internal to the oscilloscope
T
Ch 1: input voltage / surge / fault to TBU® HSP
Ch 4: TBU® HSP current
1
Ch1
Line
116 V
MA
4.00 ms
20.20 %
200 mA Ω
Ch4
100 V
Ch1 Max
124.4 V
Run
Trig’d
Ch4 Max
365.4 mA
Ch4 Min
-322.4 mA
T
T
4
The ohm unit following the current units
shown for Channel 4 (i.e. AOhm)
indicates that a 50 ohm termination was
used internal to the oscilloscope
T
Ch 1: input voltage / surge / fault to TBU® HSP
Ch 4: TBU® HSP current
41
Ch1
Line
116 V
MA
4.00 ms
20.20 %
200 mA Ω
Ch4
20.0 V
Ch1 Max
28.3 V
Run
Trig’d
Ch4 Max
451.8 mA
Ch4 Min
-395.7 mA
T
T
The ohm unit following the current units
shown for Channel 4 (i.e. AOhm)
indicates that a 50 ohm termination was
used internal to the oscilloscope
T
Reference
For more information on implementing advanced circuit protection technologies for RS-485 ports, please review the Bourns RS-485
application note: http://www.bourns.com/data/global/pdfs/Bourns_RS-485_AppNote.pdf
“TBU”is a registered trademark of Bourns, Inc. in the U.S., Taiwan and European Community.
“Bourns”is a registered trademark of Bourns, Inc. in the U.S. and other countries.
COPYRIGHT© 2011 • BOURNS, INC. • 11/11 • e/FU1107
For further technical support and for complete
circuit protection solutions, please visit
www.bourns.com
Ch 1: input voltage / surge / fault to TBU® HSP
Ch 4: TBU® HSP current
1
Ch1
Ch1
-380 V
MA
10.0 ns
20.40 %
5.00 A Ω
Ch4
500 V
Ch1 Max
545 V
Ch1 Min
-390 V
Trig?
Run
Ch4 Max
11.3 mA
Ch4 Min
-2.55 A
T
T
4
The ohm unit following the current units
shown for Channel 4 (i.e. AOhm)
indicates that a 50 ohm termination was
used internal to the oscilloscope
T


Similar Part No. - CDSOT23-SM712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDSOT23-SM712 TI1-CDSOT23-SM712 Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
logo
Bourns Electronic Solut...
CDSOT23-SM712 BOURNS-CDSOT23-SM712 Datasheet
454Kb / 2P
   RS-485 Port Protection Evaluation Board 2
CDSOT23-SM712 BOURNS-CDSOT23-SM712 Datasheet
254Kb / 4P
   CDSOT23-SM712
logo
Texas Instruments
CDSOT23-SM712 TI1-CDSOT23-SM712 Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
CDSOT23-SM712 TI1-CDSOT23-SM712 Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
More results

Similar Description - CDSOT23-SM712

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA065-200-WH_1111 BOURNS-TBU-CA065-200-WH_1111 Datasheet
1Mb / 2P
   RS-485 Port Protection
TBU-CA065-200-WH BOURNS-TBU-CA065-200-WH_12 Datasheet
399Kb / 2P
   RS-485 Port Protection Evaluation Board 1
TBU-CA065-300-WH BOURNS-TBU-CA065-300-WH_12 Datasheet
454Kb / 2P
   RS-485 Port Protection Evaluation Board 2
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
   8-port RS-422/485
logo
Advantech Co., Ltd.
BB-485SD9R ADVANTECH-BB-485SD9R Datasheet
213Kb / 2P
   RS-485 Converter, Port Powered
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
   RS-232 to RS-485 Port-powered Converters
24-Jan-2022
PCI-1601A ADVANTECH-PCI-1601A Datasheet
155Kb / 1P
   2-port RS-422/485 PCI Communication Card, w/Surge Protection
RS-232 ADVANTECH-RS-232 Datasheet
441Kb / 2P
   Port Powered RS-232/485 Converters
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Analog Devices
CN-0313 AD-CN-0313 Datasheet
271Kb / 5P
   EMC Compliant RS-485 Transceiver Protection Circuits
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com