Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS131 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BSS131
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS131 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSS131 Datasheet HTML 1Page - Siemens Semiconductor Group BSS131 Datasheet HTML 2Page - Siemens Semiconductor Group BSS131 Datasheet HTML 3Page - Siemens Semiconductor Group BSS131 Datasheet HTML 4Page - Siemens Semiconductor Group BSS131 Datasheet HTML 5Page - Siemens Semiconductor Group BSS131 Datasheet HTML 6Page - Siemens Semiconductor Group BSS131 Datasheet HTML 7Page - Siemens Semiconductor Group BSS131 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
Sep-13-1996
BSS 131
Typ. output characteristics
ID = ƒ(VDS)
parameter:
tp = 80 µs , Tj = 25 °C
0
1
2
3
4
5
6
7
8
V
10
V
DS
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
A
0.24
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 0W
l
10.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
tp = 80 µs, Tj = 25 °C
0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14
A
0.18
I
D
0
5
10
15
20
25
30
35
40
50
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
6.0
h
h
7.0
i
i
8.0
j
j
9.0
k
k
10.0
Typ. transfer characteristics
ID = f(VGS)
parameter:
tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.00
0.04
0.08
0.12
0.16
0.20
0.24
A
0.32
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
0.00
0.04
0.08
0.12
0.16
0.20
0.24
A
0.30
I
D
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
S
0.24
g
fs


Similar Part No. - BSS131

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS131 INFINEON-BSS131 Datasheet
229Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.0 2004-04-29
BSS131 INFINEON-BSS131 Datasheet
729Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.2 2009-08-18
BSS131H6327 INFINEON-BSS131H6327 Datasheet
444Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.6 2012-03-29
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSS131 INFINEON-BSS131_09 Datasheet
729Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.2 2009-08-18
More results

Similar Description - BSS131

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com