Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS3 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTVS3
Description  PTVS3-xxxC Series High Current TVS Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS3 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTVS3 Datasheet HTML 1Page - Bourns Electronic Solutions PTVS3 Datasheet HTML 2Page - Bourns Electronic Solutions PTVS3 Datasheet HTML 3Page - Bourns Electronic Solutions PTVS3 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
Product Dimensions
PTVS3-xxxC Series High Current TVS Diodes
Typical Part Marking
PTVS3-380C .............................................................................3380
PTVS3-430C .............................................................................3430
DIMENSIONS:
MM
(INCHES)
Dimension
PTVS3-380C
PTVS3-430C
A
24.15 ± 0.72
(0.950 ± 0.028)
24.15 ± 0.72
(0.950 ± 0.028)
B
2.40
(0.094)
Typ.
2.40
(0.094)
Typ.
C
15.0
(0.59)
Min.
15.0
(0.59)
Min.
D
12.0
(0.47)
Max.
12.0
(0.47)
Max.
E
1.25 ± 0.05
(0.049 ± 0.002)
1.25 ± 0.05
(0.049 ± 0.002)
F
12.0
(0.47)
Max.
12.0
(0.47)
Max.
G
17.0
(0.67)
Max.
17.0
(0.67)
Max.
H
6.60
(0.26)
Max.
6.60
(0.26)
Max.
The product is epoxy encapsulated per UL Class 94V-0 with Ag plated leads solderable per MIL-STD-750, Method 2026.
The package dimensions and part marking are shown below.
D
C
H
G
A
F
E
B
How to Order
PTVS 3 - xxx C
Series
PTVS = PowerTVS High Current Diode
Peak Current Rating
3 = 3 kA
Repetitive Standoff Voltage
380 = 380 V
430 = 430 V
Suffix
C = Bidirectional Device


Similar Part No. - PTVS3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-015C-TH BOURNS-PTVS3-015C-TH Datasheet
234Kb / 3P
   High Current TVS Diode
PTVS3-015C-TH BOURNS-PTVS3-015C-TH Datasheet
523Kb / 4P
   High Current TVS Diode
REV. 03/19
PTVS3-015C-TH BOURNS-PTVS3-015C-TH_V01 Datasheet
523Kb / 4P
   High Current TVS Diode
REV. 03/19
PTVS3-058C BOURNS-PTVS3-058C Datasheet
307Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-058C-SH BOURNS-PTVS3-058C-SH Datasheet
366Kb / 3P
   High Current TVS Diodes
More results

Similar Description - PTVS3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS3-380C BOURNS-PTVS3-380C Datasheet
265Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-058C BOURNS-PTVS3-058C Datasheet
307Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS3-XXXC-SH BOURNS-PTVS3-XXXC-SH Datasheet
234Kb / 4P
   PTVS3-xxxC-SH Series High Current TVS Diodes
REV. 07/15
PTVS3-XXXC-M BOURNS-PTVS3-XXXC-M_V01 Datasheet
228Kb / 5P
   PTVS3-xxxC-M Series High Current TVS Diodes
07/19
PTVS3-XXXC-TH BOURNS-PTVS3-XXXC-TH Datasheet
209Kb / 4P
   PTVS3-xxxC-TH Series High Current TVS Diodes
REV. 07/15
PTVS10-058C BOURNS-PTVS10-058C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS6 BOURNS-PTVS6 Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-380C BOURNS-PTVS6-380C Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS6-058C BOURNS-PTVS6-058C Datasheet
293Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS10-058C BOURNS-PTVS10-058C_13 Datasheet
273Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com