Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4973 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4973
Description  Full-Bridge PWM Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4973 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4973 Datasheet HTML 3Page - Allegro MicroSystems A4973 Datasheet HTML 4Page - Allegro MicroSystems A4973 Datasheet HTML 5Page - Allegro MicroSystems A4973 Datasheet HTML 6Page - Allegro MicroSystems A4973 Datasheet HTML 7Page - Allegro MicroSystems A4973 Datasheet HTML 8Page - Allegro MicroSystems A4973 Datasheet HTML 9Page - Allegro MicroSystems A4973 Datasheet HTML 10Page - Allegro MicroSystems A4973 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Full-Bridge PWM Motor Driver
A4973
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ensure that the maximum ratings of the device are not exceeded.
If the internal fast current-decay control circuitry is used, then the
load current will regulate to a value given by:
ILOAD = VREF / (RS × 2)
CAUTION: In fast current-decay mode, when the direction of
the motor is changed abruptly, the kinetic energy stored in the
motor and load inertia will be converted into current that charges
the VBB supply bulk capacitance (power supply output and
decoupling capacitance). Care must be taken to ensure that the
capacitance is sufficient to absorb the energy without exceeding
the voltage rating of any devices connected to the motor supply.
See also the Brake Operation section, above.
Soldering Considerations. The lead (Pb) free (100%
matte tin) plating on lead terminations is 100% backward-
compatible for use with traditional tin-lead solders of any
composition, at any temperature of soldering that has been
traditionally used for that tin-lead solder alloy. Further, 100%
matte tin finishes solder well with tin-lead solders even at
temperatures below 232°C. This is because the matte tin dissolves
easily in the tin-lead. Additional information on soldering is
available on the Allegro Web site, www.allegromicro.com.
Figure 4 — Typical Application
VCC
VBB
VBB
LOGIC
47
F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
BB
MODE
PHASE
ENABLE
BRAKE
+5 V
REF


Similar Part No. - A4973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
More results

Similar Description - A4973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com