Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS123 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSS123
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS123 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSS123 Datasheet HTML 1Page - Siemens Semiconductor Group BSS123 Datasheet HTML 2Page - Siemens Semiconductor Group BSS123 Datasheet HTML 3Page - Siemens Semiconductor Group BSS123 Datasheet HTML 4Page - Siemens Semiconductor Group BSS123 Datasheet HTML 5Page - Siemens Semiconductor Group BSS123 Datasheet HTML 6Page - Siemens Semiconductor Group BSS123 Datasheet HTML 7Page - Siemens Semiconductor Group BSS123 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
Sep-13-1996
BSS 123
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TA = 25 °C
IS
-
-
0.17
A
Inverse diode direct current,pulsed
TA = 25 °C
ISM
-
-
0.68
Inverse diode forward voltage
VGS = 0 V, IF = 0.34 A, Tj = 25 °C
VSD
-
0.85
1.3
V


Similar Part No. - BSS123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS123 PHILIPS-BSS123 Datasheet
56Kb / 4P
   N-channel enhancement mode vertical D-MOS transistor
August 2000 Rev 1.000
logo
Infineon Technologies A...
BSS123 INFINEON-BSS123 Datasheet
3Mb / 8P
   SIPMOS??Small-Signal-Transistor Feature
2010-05-12
logo
FutureWafer Tech Co.,Lt...
BSS123 FUTUREWAFER-BSS123 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
22-May-2021 V2.0
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Bruckewell Technology L...
BSS123 BWTECH-BSS123 Datasheet
351Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS123

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com